Electronic Components Datasheet Search
  English  ▼

X  

MAX17561 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17561
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17561 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17561 Datasheet HTML 6Page - Maxim Integrated Products MAX17561 Datasheet HTML 7Page - Maxim Integrated Products MAX17561 Datasheet HTML 8Page - Maxim Integrated Products MAX17561 Datasheet HTML 9Page - Maxim Integrated Products MAX17561 Datasheet HTML 10Page - Maxim Integrated Products MAX17561 Datasheet HTML 11Page - Maxim Integrated Products MAX17561 Datasheet HTML 12Page - Maxim Integrated Products MAX17561 Datasheet HTML 13Page - Maxim Integrated Products MAX17561 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PIN
NAME
FUNCTION
1–3
IN
Overvoltage-Protection Input. Bypass IN to GND with a 0.47FF ceramic capacitor placed as close
as possible to the device. Use a 0.47FF, low-ESR ceramic capacitor to enable Q15kV (HBM) ESD
protection on IN. For hot-plug applications, see the Applications Information section.
4
UVLO
Externally Programmable Undervoltage-Lockout Threshold. Connect UVLO to GND to use the
default internal UVLO threshold. Connect UVLO to an external resistor-divider to define a threshold
externally and override the preset internal UVLO threshold.
5
OVLO
Externally Programmable Overvoltage-Lockout Threshold. Connect OVLO to GND to use the
default internal OVLO threshold. Connect OVLO to an external resistor-divider to define a threshold
externally and override the preset internal OVLO threshold.
6
SETI
Overload Current-Limit Adjust. Connect a resistor from SETI to GND to program the overcurrent
limit. If SETI is unconnected, the current limit is set to 0A. If SETI is less than 1V (typ), the FETs
turn off and FLAG is asserted. Do not connect more than 10pF to SETI.
7
GND
Ground
8
HVEN
36V Capable Active-Low Enable Input. See Table 1.
9
RIEN
Reverse-Current Enable Input. Connect RIEN to GND to enable the reverse-current flow protection.
Connect RIEN to logic-high to disable the reverse-current flow protection.
10
EN
Active-High Enable Input. See Table 1.
11
FLAG
Open-Drain, Fault Indicator Output. FLAG goes low when the fault duration exceeds the blanking
time, reverse current is detected, thermal-shutdown mode is active, OVLO threshold is reached, or
SETI is connected to GND.
12, 13, 14
OUT
Output Voltage. Output of internal FETs. Bypass OUT to GND with a 1FF ceramic capacitor placed
as close as possible to the device. For a long output cable or inductive lead, see the Applications
Information section.
—
EP
Exposed Pad. Always connect EP to the GND pin of the IC. Also, connect EP to a large GND plane
with several thermal vias for best Thermal performance. Refer to the MAX17561 EV kit data sheet for
an example of the correct method for EP connection and thermal vias.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT
OUT
OUT
UVLO
IN
IN
IN
TOP VIEW
MAX17561
MAX17562
MAX17563
EN
RIEN
GND
SETI
OVLO
*EP
TSSOP
*CONNECT EXPOSED PAD TO GND
FLAG
HVEN
+
Pin Configuration
Pin Description
www.maximintegrated.com
Maxim Integrated │ 10
MAX17561/MAX17562/
MAX17563
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com