Electronic Components Datasheet Search
  English  ▼

X  

MAX6072 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6072
Description  High-Precision, Dual-Output Series Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6072 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6072 Datasheet HTML 9Page - Maxim Integrated Products MAX6072 Datasheet HTML 10Page - Maxim Integrated Products MAX6072 Datasheet HTML 11Page - Maxim Integrated Products MAX6072 Datasheet HTML 12Page - Maxim Integrated Products MAX6072 Datasheet HTML 13Page - Maxim Integrated Products MAX6072 Datasheet HTML 14Page - Maxim Integrated Products MAX6072 Datasheet HTML 15Page - Maxim Integrated Products MAX6072 Datasheet HTML 16Page - Maxim Integrated Products MAX6072 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
(VIN1 = VIN2 = VEN1 = VEN2 = +5.5V (MAX6072_50), VIN1 = VIN2 = VEN1 = VEN2 (MAX6072_41 and MAX6072_25), IOUT = 0mA,
COUT = 0.1μF, TA = +25°C, unless otherwise noted.)
1.25V VOUT TURN-ON TRANSIENT
toc10a
VIN = 0V
VIN = 5V
VOUT = 1.25V
VOUT = 0V
10µs/div
0.01% SETTLING
TIME = 21µs
2.5V VOUT TURN-ON TRANSIENT
toc10b
VIN
0V
VIN = 5V
VOUT = 2.5V
VOUT
0V
10µs/div
0.01% SETTLING
TIME = 33µs
4.096V VOUT TURN-ON TRANSIENT
toc10c
VIN = 0V
VOUT = 4.096V
VOUT = 0V
10µs/div
0.01% SETTLING
TIME = 41µs
VIN = 5V
1.25V VOUT ±10mA LOAD TRANSIENT
(COUT = 0.1F)
toc11a
VOUT = 1.25V
200mV/div
IOUT
VOUT
SOURCE
10mA
SINK 10mA
10µs/div
2.5V VOUT ±10mA LOAD TRANSIENT
(COUT = 0.1F)
toc11b
VOUT = 2.5V
500mV/div
IOUT
VOUT
SOURCE
10mA
SINK 10mA
10µs/div
1.25V VOUT LINE TRANSIENT
(COUT = 0.1F)
toc12a
VIN = 4.35V
VOUT
20mV/div
20µs/div
VIN = 3.85V
VIN
200mV/div
4.096V VOUT ±10mA LOAD TRANSIENT
(COUT = 0.1F)
toc11c
VOUT = 4.096V
1V/div
IOUT
VOUT
SOURCE
10mA
SINK 10mA
10µs/div
MAX6072
High-Precision, Dual-Output Series
Voltage Reference
Maxim Integrated │ 13
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com