Electronic Components Datasheet Search
  English  ▼

X  

MAX6072 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX6072
Description  High-Precision, Dual-Output Series Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6072 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX6072 Datasheet HTML 13Page - Maxim Integrated Products MAX6072 Datasheet HTML 14Page - Maxim Integrated Products MAX6072 Datasheet HTML 15Page - Maxim Integrated Products MAX6072 Datasheet HTML 16Page - Maxim Integrated Products MAX6072 Datasheet HTML 17Page - Maxim Integrated Products MAX6072 Datasheet HTML 18Page - Maxim Integrated Products MAX6072 Datasheet HTML 19Page - Maxim Integrated Products MAX6072 Datasheet HTML 20Page - Maxim Integrated Products MAX6072 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
Ordering Information
Note: All devices are specified over the -40°C to +125°C oper-
ating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
PIN-
PACKAGE
VREF1/VREF2
MAX6072AAUB25+
10 μMAX
2.500V/1.250V
MAX6072AAUB41+
10 μMAX
4.096V/2.048V
MAX6072AAUB50+
10 μMAX
5.000V/2.500V
MAX6072BAUB25+
10 μMAX
2.500V/1.250V
MAX6072BAUB41+
10 μMAX
4.096V/2.048V
MAX6072BAUB50+
10 μMAX
5.000V/2.500V
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
10 µMAX
U10M+5
21-0061
90-0330
MAX6072
High-Precision, Dual-Output Series
Voltage Reference
www.maximintegrated.com
Maxim Integrated │ 20
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com