Electronic Components Datasheet Search
  English  ▼

X  

4270 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # 4270
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

4270 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  4270 Datasheet HTML 1Page - Integrated Circuit Systems 4270 Datasheet HTML 2Page - Integrated Circuit Systems 4270 Datasheet HTML 3Page - Integrated Circuit Systems 4270 Datasheet HTML 4Page - Integrated Circuit Systems 4270 Datasheet HTML 5Page - Integrated Circuit Systems 4270 Datasheet HTML 6Page - Integrated Circuit Systems 4270 Datasheet HTML 7Page - Integrated Circuit Systems 4270 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE4270
Page 4 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0148-03
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ -40 °C to 85 °C (Unless Otherwise Noted)
Figure 7. RF1 Return Loss (Switch = ON)
Figure 8. RF1 Return Loss (Switch = OFF)
Figure 9. RF2 Return Loss (Switch = ON)
Figure 10. RF2 Return Loss (Switch = OFF)
(75-ohm impedance)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com