Electronic Components Datasheet Search
  English  ▼

X  

4270 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # 4270
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

4270 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  4270 Datasheet HTML 1Page - Integrated Circuit Systems 4270 Datasheet HTML 2Page - Integrated Circuit Systems 4270 Datasheet HTML 3Page - Integrated Circuit Systems 4270 Datasheet HTML 4Page - Integrated Circuit Systems 4270 Datasheet HTML 5Page - Integrated Circuit Systems 4270 Datasheet HTML 6Page - Integrated Circuit Systems 4270 Datasheet HTML 7Page - Integrated Circuit Systems 4270 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE4270
Page 6 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0148-03
│ UltraCMOS™ RFIC Solutions
6-lead DFN
Figure 13. Package Drawing
EDGE OF PLASTIC BODY
THIS FEATURE
APPLIES TO
BOTH ENDS OF
THE PKG.
DETAIL A
EXPOSED SLUG/
HEAT SINK
EXPOSED METALIZED
FEATURE
0.17 MIN.
0.24 +0.20
-0.08
0.125
0.17
0.30
0.025
±0.025
DETAIL B
(2X)
EXPOSED
6
5
3
BOTTOM VIEW
2
1
4
3
0.10
C A B
0.05
C
0.95
L
C
0.35 +0.08
-0.02
0.29 +0.21
-0.08
1.21 ±0.10
0.605 ±0.05
1.05±0.05
2.01±0.10
EXPOSED PAD
SEE DETAIL A
R0.127 TYP
.20 MIN.
R 0.15 TYP
SEATING
PLANE
SIDE
VIEW
TOP
VIEW
- C -
0.100 C
0.080 C
0.70 ± 0.05
0.20 ±0.05
0.90 ±0.10
0.025±0.025
10°+2°
-10°
DETAIL C
SEE DETAIL B
3
1
PIN
1
MAR
K
CL
CL
3.00
0.125
3.00
0.125
0.10 C
0.10 C
23
6
54
4
4
- A -
- B -
3
COPLANARITY APPLIES TO EXPOSED HEAT SLUG AS WELL AS THE TERMINALS.
4 PROFILE TOLERANCE APPLIES TO PLASTIC BODY ONLY.
1. DIMENSIONS AND TOLERANCES ARE PER ANSi Y14.5
2. DIMENSIONS ARE IN MILLIMETERS, ANGLES ARE IN DEGREES.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com