Electronic Components Datasheet Search
  English  ▼

X  

4270 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 4270
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

4270 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  4270 Datasheet HTML 1Page - Integrated Circuit Systems 4270 Datasheet HTML 2Page - Integrated Circuit Systems 4270 Datasheet HTML 3Page - Integrated Circuit Systems 4270 Datasheet HTML 4Page - Integrated Circuit Systems 4270 Datasheet HTML 5Page - Integrated Circuit Systems 4270 Datasheet HTML 6Page - Integrated Circuit Systems 4270 Datasheet HTML 7Page - Integrated Circuit Systems 4270 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Document No. 70-0148-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
RF1
RF2
CTRL
75
75
CMOS
Control
Driver
The PE4270 is a is a high-isolation Switch designed for CATV
applications, covering a broad frequency range from near DC
up to 3000 MHz. This single-supply SPST switch offers a
single-pin CMOS control interface with industry leading CTB
performance. It also provides low insertion loss, high isolation
and extremely low bias requirements while operating on a
single 3-volt supply. In a typical CATV application, the PE4270
provides for a cost effective and manufacturable solution vs.
mechanical relays.
The PE4270 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
SPST CATV UltraCMOS™ Switch
DC - 3000 MHz
Product Description
Figure 1. Functional Diagram
PE4270
Features
• Integrated 0.25 watt terminations
• CTB performance of 90 dBc
• High isolation: 90 dB at 5 MHz, 63 dB
at 1000 MHz
• Low insertion loss: 0.5 dB at 50 MHz,
0.70 dB at 1000 MHz
• High input IP2: >80 dBm
• CMOS/TTL single-pin control
• Single +3-volt supply operation
• Extremely low bias: 8 µA @ 3 V
• Available in a 6-lead DFN package
Notes: 1. Device linearity will begin to degrade below 1 MHz.
2. Measured in a 50
Ω system.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth.
4. Note Absolute Maximum ratings in Table 3.
Table 1. Electrical Specifications @ +25 °C (ZS = ZL = 75 Ω)
Figure 2. Package Type
6-lead DFN
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency
1
DC
3000
MHz
Insertion Loss
DC – 50 MHz
1000 MHz
0.50
0.70
0.65
0.85
dB
Isolation
DC – 50 MHz
1000 MHz
85
60
90
63
dB
Return Loss
5 - 1000 MHz,
VCNTL = 3.0V
15
16
dB
1 dB Compression
2,4
1000 MHz
28
30
dBm
CTB / CSO
77 & 110 channels;
PO = 44 dBmV
-90
dBc
Input IP2
2
1000 MHz
80
dBm
Input IP3
2
1000 MHz
50
dBm
Video Feedthrough
3
15
mVpp
Switching Time
2
µS


Similar Part No. - 4270

ManufacturerPart #DatasheetDescription
logo
Heyco.
4270 HEYCO-4270 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
TE Connectivity Ltd
4270 TEC-4270 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
3M Electronics
4270-25Y 3M-4270-25Y Datasheet
84Kb / 2P
4270 Series Electrically Conductive Connector Covers
logo
Turck, Inc.
4270093 TURCK-4270093 Datasheet
182Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4270493 TURCK-4270493 Datasheet
182Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
More results

Similar Description - 4270

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com