Electronic Components Datasheet Search
  English  ▼

X  

USB2641I Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2641I Datasheet HTML 14Page - Microchip Technology USB2641I Datasheet HTML 15Page - Microchip Technology USB2641I Datasheet HTML 16Page - Microchip Technology USB2641I Datasheet HTML 17Page - Microchip Technology USB2641I Datasheet HTML 18Page - Microchip Technology USB2641I Datasheet HTML 19Page - Microchip Technology USB2641I Datasheet HTML 20Page - Microchip Technology USB2641I Datasheet HTML 21Page - Microchip Technology USB2641I Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 18
 2015-2021 Microchip Technology Inc.
6.2
Buffer Type Descriptions
6.3
Port Power Control
6.3.1
PORT POWER CONTROL USING USB POWER SWITCH
The USB2640i/USB2641i has a single port power control and over-current sense signal for each downstream port.
When disabling port power, the driver will actively drive a '0'. To avoid unnecessary power dissipation, the internal pull-
up resistor will be disabled at that time. When port power is enabled, the output driver is disabled, and the pull-up resistor
is enabled creating an open drain output. If there is an over-current situation, the USB Power Switch will assert the open
drain OCS signal. The Schmitt trigger input will detect this event as a low. The open drain output does not interfere. The
internal over-current sense filter handles the transient conditions, such as low voltage, while the device is powering up.
TABLE 6-2:
USB2640I/USB2641I BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input.
IPU
Input, weak internal pull-up.
IS
Input with Schmitt trigger.
I/O12
Input/output buffer with 12 mA sink and 12 mA source.
I/O200
Input/output buffer 12 mA with FET disabled, 100/200 mA source only when the FET is
enabled.
I/O12PD
Input/output buffer with 12 mA sink and 12 mA source, with an internal weak pull-down
resistor.
I/O12PU
Open drain, 12 mA sink with pull-up. Input with Schmitt trigger.
I/OD12PU
Input/open drain output buffer with a 12 mA sink.
O12
Output buffer with a 12 mA sink and a 12 mA source.
O12PD
Output buffer with 12 mA sink and 12 mA source, with a pull-down resistor.
O12PU
Output buffer with 12 mA sink and 12 mA source, with a pull-up resistor.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I/O-U
Analog input/output as defined in the USB 2.0 Specification.
I-R
RBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com