Electronic Components Datasheet Search
  English  ▼

X  

USB2641I Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2641I Datasheet HTML 12Page - Microchip Technology USB2641I Datasheet HTML 13Page - Microchip Technology USB2641I Datasheet HTML 14Page - Microchip Technology USB2641I Datasheet HTML 15Page - Microchip Technology USB2641I Datasheet HTML 16Page - Microchip Technology USB2641I Datasheet HTML 17Page - Microchip Technology USB2641I Datasheet HTML 18Page - Microchip Technology USB2641I Datasheet HTML 19Page - Microchip Technology USB2641I Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 16
 2015-2021 Microchip Technology Inc.
XTAL2
44
OCLKx
24 MHz Crystal Output
This is the other terminal of the crystal, or it is left open when an
external clock source is used to drive XTAL1(CLKIN).
SPI INTERFACE
SPI_CE_n
8
O12
SPI Chip Enable
This is the active low chip enable output.
When the SPI interface is enabled, drive this pin high in power down
states.
SPI_CLK /
SCL
9
I/O12
SPI Clock
This is the SPI clock out to the serial ROM. See Section 6.4, "ROM
BOOT Sequence" for diagram and usage instructions. During reset,
drive this pin low.
When configured, this is the I2C EEPROM clock pin.
SPI_DO /
SDA /
SPI_SPD_SEL
10
I/O12
SPI Data Out
This is the data out for the SPI port. See Section 6.4, "ROM BOOT
Sequence" for diagram and usage instructions.
This pin is the data pin when the device is connected to the optional
I2C EEPROM.
This pin is used to select the speed of the SPI interface. During
nRESET assertion, this pin will be tri-stated with the weak pull-down
resistor enabled. When nRESET is negated, the value on the pin will
be internally latched, and the pin will revert to SPI_DO functionality, the
internal pull-down will be disabled.
‘0’ = 30 MHz (No external resistor should be applied)
‘1’ = 60 MHz (A 10 K external pull-up resistor must be applied)
If the latched value is '1', then the pin is tri-stated when the chip is in
the suspend state.
If the latched value is '0', then the pin is driven low during a suspend
state.
SPI_DI
11
I/O12PD
SPI Data In
This is the data in to the controller from the ROM. This pin has a weak
internal pull-down applied at all times to prevent floating.
MISC
LED
NC
37
36
I/O12
It can be used as media activities LED output.
CRD_PWR
35
I/O200
Card power drive: 3.3 V (100 mA or 200 mA)
This pin powers the multiplexed flash media interface (slot) for xD, MS,
and SD/MMC. If card power is not being used to power the multiplexed
flash media interface, this pin may be used as a GPIO.
It is a requirement for this to be the only FET used to power xD-Picture
Card devices. Failure to do this will violate xD voltage specification on
xD-Picture Card device pins.
Bits 0, 1, 2, and 3 control FET 2 of Register A5h. Please reference
Section 7.3.4.5, "A8h: LED Blink Interval (1 byte)," on page 29.
TABLE 6-1:
USB2640I/USB2641I PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
QFN
Buffer Type
(Table 6-2)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com