Electronic Components Datasheet Search
  English  ▼

X  

USB2641I Datasheet(PDF) 25 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB2641I Datasheet HTML 21Page - Microchip Technology USB2641I Datasheet HTML 22Page - Microchip Technology USB2641I Datasheet HTML 23Page - Microchip Technology USB2641I Datasheet HTML 24Page - Microchip Technology USB2641I Datasheet HTML 25Page - Microchip Technology USB2641I Datasheet HTML 26Page - Microchip Technology USB2641I Datasheet HTML 27Page - Microchip Technology USB2641I Datasheet HTML 28Page - Microchip Technology USB2641I Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
 2015-2021 Microchip Technology Inc.
DS00001948C-page 25
USB2640i/USB2641i
Note 7-1
This value is a UNICODE UTF-16LE encoded string value that meets the USB 2.0 Specification
(Revision 2.0, 2000). Values in double quotations without this note are ASCII values.
Note 7-2
A value of “SM” will be overridden with “xD” once an xD-Picture Card has been identified.
Note 7-3
For a list of the most current 16-bit language ID’s defined by the USB-IF, please visit
http://www.unicode.org or consult The Unicode Standard, Worldwide Character Encoding, (Version
4.0), The Unicode Consortium, Addison-Wesley Publishing Company, Reading, Massachusetts.
7.3.3
EEPROM DATA DESCRIPTOR REGISTER DESCRIPTIONS
7.3.3.1
00h: USB Serial String Descriptor Length
7.3.3.2
01h: USB Serial String Descriptor Type
7.3.3.3
02h-19h: USB Serial Number Option
7.3.3.4
1Ah-1Bh: USB Vendor Identifier Option
7.3.3.5
1Ch-1Dh: USB Product Identifier Option
TABLE 7-3:
OTHER INTERNAL CONFIGURATIONS
Address
Register Name
Description
Default Value
F4h
Reserved
-
00h
F5h
Reserved
-
66h
F6-FBh
Reserved
-
00h
FCh-FFh
NVSTORE_SIG
Non-volatile storage signature
(“ATA2”)
“ATA2”
Byte
Name
Description
0
USB_SER_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_SER_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
25:2
USB_SER_NUM
Maximum string length is 12 hex digits. Must be unique to each device.
Byte
Name
Description
1:0
USB_VID
This ID is unique for every vendor. The vendor ID is assigned by the USB
Implementer’s Forum.
Byte
Name
Description
1:0
USB_PID
This ID is unique for every product. The product ID is assigned by the vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com