Electronic Components Datasheet Search
  English  ▼

X  

DS1848 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1848 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1848 Datasheet HTML 5Page - Maxim Integrated Products DS1848 Datasheet HTML 6Page - Maxim Integrated Products DS1848 Datasheet HTML 7Page - Maxim Integrated Products DS1848 Datasheet HTML 8Page - Maxim Integrated Products DS1848 Datasheet HTML 9Page - Maxim Integrated Products DS1848 Datasheet HTML 10Page - Maxim Integrated Products DS1848 Datasheet HTML 11Page - Maxim Integrated Products DS1848 Datasheet HTML 12Page - Maxim Integrated Products DS1848 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS1848
9 of 17
The master must terminate the write cycle with a STOP condition or the data clocked into the DS1848
will not be latched into permanent memory.
Acknowledge Polling: Once the internally-timed write has started and the DS1848 inputs are disabled,
acknowledge polling can be initiated. The process involves transmitting a START condition followed by
the device address. The R/W bit signifies the type of operation that is desired. The read or write sequence
will only be allowed to proceed if the internal write cycle has completed and the DS1848 responds with a
zero.
Read Operations: After receiving a matching address byte with the R/W bit set high, the device goes
into the read mode of operation. There are three read operations: current address read, random read, and
sequential address read.
CURRENT ADDRESS READ
The DS1848 has an internal address register that maintains the address used during the last read or write
operation, incremented by one. This data is maintained as long as VCC is valid. If the most recent address
was the last byte in memory, then the register resets to the first address. This address stays valid between
operations as long as power is available.
Once the device address is clocked in and acknowledged by the DS1848 with the R/W bit set to high, the
current address data word is clocked out. The master does not respond with a zero, but does generate a
STOP condition afterwards.
RANDOM READ
A random read requires a dummy byte write sequence to load in the data word address. Once the device
and data address bytes are clocked in by the master and acknowledged by the DS1848, the master must
generate another START condition. The master now initiates a current address read by sending the device
address with the read/write bit set high. The DS1848 will acknowledge the device address and serially
clocks out the data byte.
SEQUENTIAL ADDRESS READ
Sequential reads are initiated by either a current address read or a random address read. After the master
receives the first data byte, the master responds with an acknowledge. As long as the DS1848 receives
this acknowledge after a byte is read, the master may clock out additional data words from the DS1848.
After reaching address FFh, it resets to address 00h.
The sequential read operation is terminated when the master initiates a stop condition. The master does
not respond with a zero.
For a more detailed description of 2-wire theory of operation, refer to the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com