Electronic Components Datasheet Search
  English  ▼

X  

DS1848 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1848 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1848 Datasheet HTML 1Page - Maxim Integrated Products DS1848 Datasheet HTML 2Page - Maxim Integrated Products DS1848 Datasheet HTML 3Page - Maxim Integrated Products DS1848 Datasheet HTML 4Page - Maxim Integrated Products DS1848 Datasheet HTML 5Page - Maxim Integrated Products DS1848 Datasheet HTML 6Page - Maxim Integrated Products DS1848 Datasheet HTML 7Page - Maxim Integrated Products DS1848 Datasheet HTML 8Page - Maxim Integrated Products DS1848 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS1848
3 of 17
DS1848 BLOCK DIAGRAM Figure 1
2-Wire
Interface
Digital
Temperature
Sensor
256 Position
Digitally-
Controlled
10k
W or 50kW
Resistor 0
256 Position
Digitally-
Controlled 10kW
Resistor 1
SDA
SCL
H0
L0
H1
L1
Table Select Byte
Configuration Byte
Temperature MSB
Byte
Temperature LSB
Byte
Address Pointer
User Memory
Internal Address Sel
User Memory
Resistor 0 Setting
Resistor 1 setting
User Memory
72x8 bit
EEPROM
Resistor 0
Look-up Table
(Table 1)
72x8 bit
EEPROM
Resistor 1
Look-up Table
(Table 2)
A0
A1
A2
Vcc
Gnd
WP
128x8 bit
USER
EEPROM
(Table 0)
0h
7Fh
E0h
E1h
E2h
E3h
E4h
E5h-
E6h
E7h
E8h-
EFh
F0h
F1h
F2h-
FFh
0h
47h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com