Electronic Components Datasheet Search
  English  ▼

X  

DS1848 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1848 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1848 Datasheet HTML 9Page - Maxim Integrated Products DS1848 Datasheet HTML 10Page - Maxim Integrated Products DS1848 Datasheet HTML 11Page - Maxim Integrated Products DS1848 Datasheet HTML 12Page - Maxim Integrated Products DS1848 Datasheet HTML 13Page - Maxim Integrated Products DS1848 Datasheet HTML 14Page - Maxim Integrated Products DS1848 Datasheet HTML 15Page - Maxim Integrated Products DS1848 Datasheet HTML 16Page - Maxim Integrated Products DS1848 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DS1848
14 of 17
ANALOG RESISTOR CHARACTERISTICS (-40°C to +95°C; VCC=3.0V to 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Absolute Error
using cal.
values
-4
+4
LSB
14
Position FFh Resistance
DS1848-050
DS1848-050
DS1848-010
(50k resistor)
(10k resistor)
(10k resistor)
44.6
9.0
8.0
55.8
11.3
10.0
67.0
13.6
12.0
k
W
3
Position 00h Resistance
DS1848-050
DS1848-050
DS1848-010
(50k resistor)
(10k resistor)
(10k resistor)
500
500
250
850
850
425
1200
1200
600
W
3
Absolute Linearity
-2
+2
LSB
4
Relative Linearity
-1
+1
LSB
5
Compensated Tempco
Error
using calibration
values
-4
+4
LSB
14
Uncompensated Tempco
850
ppm/°C
12
DIGITAL THERMOMETER
PARAMETER
SYMBOL
CONDITION
TYP
MAX
UNITS
NOTES
Thermometer Error
TERR
-40°C to 95°C
±3.0
°C
Conversion Time
tCONVT
12-bit conversion
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com