Electronic Components Datasheet Search
  English  ▼

X  

DS1845 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1845
Description  Dual NV Potentiometer and Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1845 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1845 Datasheet HTML 5Page - Maxim Integrated Products DS1845 Datasheet HTML 6Page - Maxim Integrated Products DS1845 Datasheet HTML 7Page - Maxim Integrated Products DS1845 Datasheet HTML 8Page - Maxim Integrated Products DS1845 Datasheet HTML 9Page - Maxim Integrated Products DS1845 Datasheet HTML 10Page - Maxim Integrated Products DS1845 Datasheet HTML 11Page - Maxim Integrated Products DS1845 Datasheet HTML 12Page - Maxim Integrated Products DS1845 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1845
9 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature
-40°C to +85°C; Industrial
Programming Temperature
0°C to +70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
See J-STD-020 specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Input Logic 1
VIH
.7 VCC
VCC+0.5
V
1,3
Input Logic 0
VIL
-0.5
.3 VCC
V
1,3
Resistor Inputs
L,H,W
-0.5
VCC+0.5
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com