Electronic Components Datasheet Search
  English  ▼

X  

DS1845 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1845
Description  Dual NV Potentiometer and Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1845 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1845 Datasheet HTML 6Page - Maxim Integrated Products DS1845 Datasheet HTML 7Page - Maxim Integrated Products DS1845 Datasheet HTML 8Page - Maxim Integrated Products DS1845 Datasheet HTML 9Page - Maxim Integrated Products DS1845 Datasheet HTML 10Page - Maxim Integrated Products DS1845 Datasheet HTML 11Page - Maxim Integrated Products DS1845 Datasheet HTML 12Page - Maxim Integrated Products DS1845 Datasheet HTML 13Page - Maxim Integrated Products DS1845 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS1845
13 of 14
7. CB - total capacitance of one bus line in picofarads. Timing referenced to 0.9VCC and 0.1VCC.
8. EEPROM write begins after a stop condition occurs.
9. Absolute linearity is used to measure expected wiper voltage as determined by wiper position.
10. Relative linearity is used to determine the change of wiper voltage between two adjacent wiper
positions.
11. When used as a rheostat or variable resister the temperature coefficient applies: 750 ppm/°C. When
used as a voltage divider or potentiometer, the effective temperature coefficient approaches
30 ppm/°C.
12. ICC specified with SDA pin open.
13. Maximum Icc is dependent on clock rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com