Electronic Components Datasheet Search
  English  ▼

X  

DS1845 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1845
Description  Dual NV Potentiometer and Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1845 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1845 Datasheet HTML 1Page - Maxim Integrated Products DS1845 Datasheet HTML 2Page - Maxim Integrated Products DS1845 Datasheet HTML 3Page - Maxim Integrated Products DS1845 Datasheet HTML 4Page - Maxim Integrated Products DS1845 Datasheet HTML 5Page - Maxim Integrated Products DS1845 Datasheet HTML 6Page - Maxim Integrated Products DS1845 Datasheet HTML 7Page - Maxim Integrated Products DS1845 Datasheet HTML 8Page - Maxim Integrated Products DS1845 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1845
3 of 14
DS1845 BLOCK DIAGRAM Figure 1
MEMORY ORGANIZATION
The DS1845’s serial EEPROM is internally organized with 256 words of 1 byte each. Each word requires
an 8-bit address for random word addressing. The byte at address F9h determines the wiper setting for
potentiometer 0, which contains 100 positions. Writing values above 63h to this address sets the wiper to
its uppermost position. The byte at address F8h determines the wiper setting for potentiometer 1, which
contains 256 positions (00h to FFh). The factory default wiper position for both potentiometers is FFh.
Memory locations 00h to F7h are factory programmed to 00h. Address locations FAh though FFh are
reserved and should not be written.
DEVICE OPERATION
Clock and Data Transitions: The SDA pin is normally pulled high with an external resistor or device.
Data on the SDA pin may only change during SCL low time periods. Data changes during SCL high
periods will indicate a start or stop conditions depending on the conditions discussed below. Refer to the
timing diagram Fig 2 for further details.
Start Condition: A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command. Refer to the timing diagram Fig 2 for further details.
Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command places the DS1845 into a low-power mode. Refer to the timing diagram Fig
2 for further details.
Acknowledge: All address and data byte are transmitted via a serial protocol. The DS1845 pulls the
SDA line low during the ninth clock pulse to acknowledge that it has received each word.
Standby Mode: The DS1845 features a low-power mode that is automatically enabled after power-on,
after a stop command, and after the completion of all internal operations.
VCC
GND
SDA
SCL
WP
A0
A1
A2
H0
W0
L0
H1
W1
L1
248 BYTES
EEPROM
MEMORY
6 RESERVED
BYTES
1 BYTE WIPER
SETTING
POT 0
1 BYTE WIPER
SETTING
POT 1
CONTROL
DATA
POTENTIOMETER 0
2-WIRE
INTERFACE
POTENTIOMETER 1
100
Position
Pot
256
Position
Pot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com