Electronic Components Datasheet Search
  English  ▼

X  

MAX17823H Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 85Page - Maxim Integrated Products MAX17823H Datasheet HTML 86Page - Maxim Integrated Products MAX17823H Datasheet HTML 87Page - Maxim Integrated Products MAX17823H Datasheet HTML 88Page - Maxim Integrated Products MAX17823H Datasheet HTML 89Page - Maxim Integrated Products MAX17823H Datasheet HTML 90Page - Maxim Integrated Products MAX17823H Datasheet HTML 91Page - Maxim Integrated Products MAX17823H Datasheet HTML 92Page - Maxim Integrated Products MAX17823H Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 129 page
background image
Single-Ended RX Mode
To configure the lower port for single-ended RX mode, the RXLP input is connected to digital ground and the RXLN input
receives the inverted signal, just as it does for differential mode. If the host cannot transmit inverted data then the signal
must be inverted as shown in Figure 63. Transmitter operation is not affected. If the upstack device is single-ended then
only the TXUN signal is required.
Note: In single-ended mode, SHDNL must be driven externally.
Figure 62. External ESD Protection for UART RX Ports
Figure 63. Application Circuit for Single-Ended Mode
RXN
RXP
GNDL
2.2nF
600V
2.2nF
600V
15pF
50V
15pF
50V
100Ω
100kΩ
100kΩ
100Ω
PESD1CAN
FROM
TRANSMITTER
1.5kΩ
1.5kΩ
RXLP
RXLN
GNDL
Cf
15pF
Rf
1.5kΩ
UART DATA
ISOLATED OR
NON-ISOLATED
INVERTING
LOGIC DRIVER
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com