Electronic Components Datasheet Search
  English  ▼

X  

MAX17823H Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 49Page - Maxim Integrated Products MAX17823H Datasheet HTML 50Page - Maxim Integrated Products MAX17823H Datasheet HTML 51Page - Maxim Integrated Products MAX17823H Datasheet HTML 52Page - Maxim Integrated Products MAX17823H Datasheet HTML 53Page - Maxim Integrated Products MAX17823H Datasheet HTML 54Page - Maxim Integrated Products MAX17823H Datasheet HTML 55Page - Maxim Integrated Products MAX17823H Datasheet HTML 56Page - Maxim Integrated Products MAX17823H Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
Data Types
The battery-management UART protocol employs several
different data types, as described in Table 21.
Command Bytes
The battery-management UART protocol supports six
command types, which are summarized in Table 22.
Command Byte Encoding
Command bytes encoding is described in Table 23.
For READDEVICE and WRITEDEVICE commands, the
device address is encoded in the command byte. The
device ignores those commands containing a device
address other than its own.
Table 21. Data Types
Table 22. Command-Packet Types
Table 23. Command-Byte Encoding
Note: z = Total number of devices, ALIVECNTEN = 1, packet size includes framing characters.
*Assumes DA[4:0] = 0x00, where DA[4:0] is the device address in the ADDRESS register.
DATA TYPE
DESCRIPTION
Command byte
A byte defining the command-packet type, generally either a read or a write.
Register address
A byte defining the register address to be read or written.
Register data
Register data bytes being read or written.
Data-check byte
An error and alert status byte sent and returned with all reads.
PEC byte
A packet-error checking byte sent and returned with every packet except HELLOALL.
Alive counter
A byte functioning as a device counter on all reads and writes, if ALIVECNTEN = 1.
Fill byte
Bytes transmitted in READALL command packets for clocking purposes only.
COMMAND
DESCRIPTION
DATA
CHECK
PEC
ALIVE
COUNTER
PACKET SIZE
(CHARACTERS)
HELLOALL
Writes a unique device address to each device in
the daisy-chain. Required for system initialization.
No
No
No
8
WRITEALL
Writes a specified register in all devices.
No
Yes
Yes
14
WRITEDEVICE
Writes a specified register in a single device.
No
Yes
Yes
14
READALL
Reads a specific register from all devices.
Yes
Yes
Yes
12 + (4z)
READDEVICE
Reads a specified register from a single device.
Yes
Yes
Yes
16
ROLLCALL
Reads the ADDRESS register for 32 devices.
Yes
Yes
Yes
138
COMMAND
BYTE*
7
6
5
4
3
2
1
0
HELLOALL
57h
0
1
0
1
0
1
1
1
ROLLCALL
01h
0
0
0
0
0
0
0
1
WRITEDEVICE
04h
DA4
3
DA2
DA1
DA0
1
0
0
WRITEALL
02h
0
0
0
0
0
0
1
0
READDEVICE
05h
DA4
DA3
DA2
DA1
DA0
1
0
1
READALL
03h
0
0
0
0
0
0
1
1
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com