Electronic Components Datasheet Search
  English  ▼

X  

MAX17823H Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17823H Datasheet HTML 1Page - Maxim Integrated Products MAX17823H Datasheet HTML 2Page - Maxim Integrated Products MAX17823H Datasheet HTML 3Page - Maxim Integrated Products MAX17823H Datasheet HTML 4Page - Maxim Integrated Products MAX17823H Datasheet HTML 5Page - Maxim Integrated Products MAX17823H Datasheet HTML 6Page - Maxim Integrated Products MAX17823H Datasheet HTML 7Page - Maxim Integrated Products MAX17823H Datasheet HTML 8Page - Maxim Integrated Products MAX17823H Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
General Description
The MAX17823H are data-acquisition systems for the
management of high-voltage battery modules. The
systems feature a 12-bit SAR ADC that can measure
12 cell voltages and two temperatures in 161µs. There
are 12 internal switches for cell balancing and extensive
built-in diagnostics. Up to 32 devices can be daisy-
chained together to manage 384 cells and monitor 64
temperatures.
Cell voltages (0 to 5V) are measured differentially over
a 65V common-mode range. Cell measurements have a
typical accuracy of 2mV (3.6V cell, +25°C). If oversam-
pling is enabled, up to 128 measurements per channel
can be averaged internally with 14-bit resolution. The sys-
tem can shut itself down in the event of a thermal overload
by measuring its own die temperature.
The systems use Maxim’s battery-management UART
protocol for robust communications and when used in
conjunction with the MAX17880 12-channel battery moni-
tor, they are ideal for automotive battery-management
systems that require a high safety-integrity level.
Applications
● High-Voltage Battery Stacks
● Electric Vehicles (EVs)
● Hybrid Electric Vehicles (HEVs)
● Electric Bikes
● Battery-Backup Systems (UPS)
● Super-Cap Systems
● Battery-Powered Tools
Benefits and Features
● AECQ-100 Grade 2 Temperature Range
• -40°C to +105°C
● Operating Voltage from 9V to 65V
● Ultra-Low Power Operation
• Standby Mode: 2mA
• Shutdown Mode: 2µA
● 12 Cell-Voltage-Measurement Channels
• 2mV Accuracy (3.6V, +25°C)
• 5mV Accuracy (0°C to +45°C)
• 10mV Accuracy (-40°C to +105°C)
● 12 Cell-Balancing Switches
• Up to 650mA per Switch
• Emergency-Discharge Mode
● Two Temperature-Measurement Channels
● Die Temperature Measurement
● Automatic Thermal Protection
● 29 Voltage Threshold Alerts
• 12 Overvoltage Faults
• 12 Undervoltage Faults
• Two Overtemperature Faults
• Two Undertemperature Faults
• One Cell-Mismatch Alert
(Highest Cell vs. Lowest Cell)
● Four GPIOs
● Built-in Diagnostics to Support ASIL D and
FMEA Requirements
● Battery-Management UART Protocol
• Daisy-Chain Up to 32 Devices
• Communication Port Isolation
• Up to 2Mbps Baud Rate (Autodetect)
• 1.5µs Propagation Delay per Device
• Packet-Error Checking (PEC)
● Factory-Trimmed Oscillators
• No External Crystals Required
● 10mm x 10mm Package (64-Pin LQFP)
Ordering Information appears at end of data sheet.
19-100391; Rev 0; 8/18
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17823H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
Evaluation System
Rev 1; 5/19
MAX17823HEVKIT# MAXIM-MAX17823HEVKIT# Datasheet
1Mb / 40P
Evaluation System
Rev 1; 5/19
More results

Similar Description - MAX17823H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Linear Technology
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Linear Technology
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX17823B MAXIM-MAX17823B Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
logo
Analog Devices
ADES1754 AD-ADES1754 Datasheet
3Mb / 322P
14-Channel, High-Voltage Data- Acquisition Systems
19-101802; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com