Electronic Components Datasheet Search
  English  ▼

X  

MAX9752 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9752
Description  2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9752 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9752 Datasheet HTML 9Page - Maxim Integrated Products MAX9752 Datasheet HTML 10Page - Maxim Integrated Products MAX9752 Datasheet HTML 11Page - Maxim Integrated Products MAX9752 Datasheet HTML 12Page - Maxim Integrated Products MAX9752 Datasheet HTML 13Page - Maxim Integrated Products MAX9752 Datasheet HTML 14Page - Maxim Integrated Products MAX9752 Datasheet HTML 15Page - Maxim Integrated Products MAX9752 Datasheet HTML 16Page - Maxim Integrated Products MAX9752 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Filterless Modulation/Common-Mode Idle
The MAX9752/MAX9753/MAX9754 use Maxim’s unique
modulation scheme that eliminates the LC filter required
by traditional Class D amplifiers, improving efficiency,
reducing component count, and conserving board
space and system cost (Figure 4). With no input signal,
the outputs are two low-duty-cycle pulses that are in-
phase. This lowers the high-frequency energy and spec-
tral content. In comparison, conventional Class D
amplifiers output a 50% duty cycle when no input signal
is present. For most applications with short speaker
cables, no filtering is required.
Efficiency
Efficiency of a Class D amplifier is attributed to the
region of operation of the output stage transistors. In a
Class D amplifier, the output transistors act as switches
and consume negligible power. Any power loss associ-
ated with the Class D output stage is mostly due to the
I2R loss of the MOSFET on-resistance, and quiescent
current overhead.
The theoretical best efficiency of a linear amplifier is 78%,
however, that efficiency is only exhibited at peak output
powers. Under normal operating levels (typical music
reproduction levels), efficiency falls below 30%, whereas
the MAX9752/MAX9753/MAX9754 still exhibit > 80%
efficiencies under the same conditions (Figure 5).
2.2W, Low-EMI, Stereo, Class D Power Amplifiers
with DirectDrive Headphone Amplifiers
______________________________________________________________________________________
13
FREQUENCY (MHz)
280
260
240
200
220
80
100
120
140
160
180
60
5
10
15
20
25
30
35
40
45
50
0
30
300
Figure 3. MAX9752/MAX9753/MAX9754 Radiated Emissions with 76mm of Speaker Cable
VIN_ = 0V
OUT_-
OUT_+
VOUT_+ - VOUT_- = 0V
Figure 4. Second-Generation Class D Output Waveform with
No Signal
0
30
20
10
50
40
90
80
70
60
100
0
0.5
1.5
1.0
2.0
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
MAX9752
MAX9753
MAX9754
CLASS AB
RL = 8
Ω
Figure 5. MAX9752/MAX9753/MAX9754 Class D Efficiency vs.
MAX9750/MAX9751/MAX9755 Class AB Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com