Electronic Components Datasheet Search
  English  ▼

X  

MAX9752 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9752
Description  2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9752 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9752 Datasheet HTML 1Page - Maxim Integrated Products MAX9752 Datasheet HTML 2Page - Maxim Integrated Products MAX9752 Datasheet HTML 3Page - Maxim Integrated Products MAX9752 Datasheet HTML 4Page - Maxim Integrated Products MAX9752 Datasheet HTML 5Page - Maxim Integrated Products MAX9752 Datasheet HTML 6Page - Maxim Integrated Products MAX9752 Datasheet HTML 7Page - Maxim Integrated Products MAX9752 Datasheet HTML 8Page - Maxim Integrated Products MAX9752 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2.2W, Low-EMI, Stereo, Class D Power Amplifiers
with DirectDrive Headphone Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = HPVDD = CPVDD = +5.0V, GND = PGND = HPGND = 0V, VSHDN = VDD, CPVSS = VSS, CBIAS = 1µF,
CCPVSS = 1µF, C1 = 1µF, speaker impedance = 8
Ω connected between OUT_+ and OUT_-, headphone load is terminated to GND;
MAX9752: GAIN1 = GAIN2 = 0, VVOL = 0V; MAX9753: GAIN = 0, VA/B = 0V; MAX9754: GAIN = 0; TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, PVDD, HPVDD, CPVDD to GND ....................... -0.3V to +6V
GND to PGND or CPGND .................................... -0.3V to +0.3V
CPVSS or VSS to PGND ........................................ -6.0V to +0.3V
C1N to PGND .........................................(CPVSS - 0.3V) to +0.3V
C1P to PGND........................................ -0.3V to (CPVDD + 0.3V)
HP_ to PGND......................... (HPVSS - 0.3V) to (HPVDD + 0.3V)
HP_ to PGND.............................................................. -3V to +3V
Any Other Pin to PGND ............................. -0.3V to (VDD + 0.3V)
Duration of OUT_ Short Circuit to PGND or PVDD.........Continuous
Duration of OUT_+ Short Circuit to OUT_- .................Continuous
Duration of HP_ Short Circuit to PGND ......................Continuous
Continuous Current Into/Out of PVDD, OUT_, PGND ...........1.7A
Continuous Current Into/Out of CPVDD, C1N, CPGND,
C1P, CPVSS, VSS, HPVDD, HP_ ......................................0.85A
Continuous Input Current (all other pins) ........................ ±20mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN (derate 21.3mW/°C above +70°C) .......1702mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range,
Speaker Amplifier
VDD, PVDD Inferred from PSRR test
4.5
5.5
V
Supply Voltage Range,
Headphone Amplifier
HPVDD
Inferred from PSRR test
3.0
5.5
V
Speaker mode, no load
14
18
Quiescent Current
IDD
Headphone mode, no load
7.2
9.5
mA
Shutdown Supply Current
I SHDN
V SHDN = 0V
0.2
8
µA
Gain Switching Time
tSWG
3µs
Mux Switching Time
tSWM
MAX9753 only
3
µs
MAX9752
10
20
30
Input Resistance
RIN
MAX9753/MAX9754
3.5
6.6
10.0
k
Ω
Turn-On Time
tON
25
ms
CLASS D SPEAKER AMPLIFIERS (HPS = GND)
TA = +25°C
±9.6
±38.8
MAX9752A,
MAX9752B,
MAX9753, MAX9754
TA = TMIN to TMAX
±55
TA = +25°C
±7
±40
Output Offset Voltage
OUT_+ to OUT_-
VOS
MAX9752C
TA = TMIN to TMAX
±60
mV
PVDD or VDD = 4.5V to 5.5V, TA = +25°C
50
74
f = 1kHz, VRIPPLE = 100mVP-P
70
Power-Supply Rejection Ratio
(Note 3)
PSRR
f = 10kHz, VRIPPLE = 100mVP-P
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com