Electronic Components Datasheet Search
  English  ▼

X  

MAX9752 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX9752
Description  2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9752 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX9752 Datasheet HTML 16Page - Maxim Integrated Products MAX9752 Datasheet HTML 17Page - Maxim Integrated Products MAX9752 Datasheet HTML 18Page - Maxim Integrated Products MAX9752 Datasheet HTML 19Page - Maxim Integrated Products MAX9752 Datasheet HTML 20Page - Maxim Integrated Products MAX9752 Datasheet HTML 21Page - Maxim Integrated Products MAX9752 Datasheet HTML 22Page - Maxim Integrated Products MAX9752 Datasheet HTML 23Page - Maxim Integrated Products MAX9752 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Beep Input (MAX9752)
The MAX9752 features an audible alert beep input
(BEEP). BEEP serves as the alert signal detector and the
alert input to the amplifiers. AC-couple the alert output of
a µC to BEEP. The MAX9752 monitors the signal at
BEEP. When a signal exceeding 400mVP-P with a fre-
quency greater than 300Hz is detected at BEEP, the
MAX9752 connects the signal to the amplifiers after eight
periods of the input signal. In speaker mode, the alert
signal appears at both speaker outputs, mixed with any
audio that may be present. In headphone mode, the alert
signal appears at the headphone outputs, mixed with
any audio that may be present. A signal with less than
eight input periods is ignored. Multiple BEEP signals can
be summed as shown in Figure 11. Adding external
resistors in series with BEEP increase the minimum volt-
age amplitude sensitivity.
Input Mux (MAX9753)
The MAX9753 features a 2:1 input multiplexer on each
amplifier, allowing input selection between two stereo
sources. The logic input IN1/2 controls both multiplexers.
A logic-high selects input IN_1 and a logic-low selects
input IN_2. The unselected inputs are high impedance.
Shutdown
The MAX9752/MAX9753/MAX9754 feature an 8µA, low-
power shutdown mode reducing quiescent current con-
sumption and extending battery life. Driving SHDN low
disables the drive amplifiers, bias circuitry, charge
pump, and sets the headphone amplifier output imped-
ance to 1k
Ω, and drives BIAS to GND. Connect SHDN to
VDD for normal operation.
2.2W, Low-EMI, Stereo, Class D Power Amplifiers
with DirectDrive Headphone Amplifiers
20
______________________________________________________________________________________
MAX9752
VREF
DAC
HPVDD
VOL
Figure 9. MAX9752 Volume-Control Circuit
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9752B
VOLUME-CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER POT
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
Figure 10b. MAX9752B Volume-Control Transfer Functions
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9752A
VOLUME-CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER POT
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
Figure 10a. MAX9752A Volume-Control Transfer Functions
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9752C
VOLUME-CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER POT
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
Figure 10c. MAX9752C Volume-Control Transfer Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com