Electronic Components Datasheet Search
  English  ▼

X  

RE46C180 Datasheet(PDF) 22 Page - Microchip Technology

Part # RE46C180
Description  CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C180 Datasheet(HTML) 22 Page - Microchip Technology

Back Button RE46C180 Datasheet HTML 18Page - Microchip Technology RE46C180 Datasheet HTML 19Page - Microchip Technology RE46C180 Datasheet HTML 20Page - Microchip Technology RE46C180 Datasheet HTML 21Page - Microchip Technology RE46C180 Datasheet HTML 22Page - Microchip Technology RE46C180 Datasheet HTML 23Page - Microchip Technology RE46C180 Datasheet HTML 24Page - Microchip Technology RE46C180 Datasheet HTML 25Page - Microchip Technology RE46C180 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
RE46C180
DS20002275C-page 22
2011-2021 Microchip Technology Inc.
4.3
Serial Read/Write Calibration
As an alternative to the steps in
Section 4.2, Smoke
Calibration, the sensitivity settings can be entered
directly from a Serial Read/Write Calibration mode (if
the system has been well characterized).
To enter this mode, follow these steps:
1. Power-up with the bias condition shown in
Figure 4-1 to enter M0. At power-up:
TEST = IO = FEED = T2 = VSS,
DETECT = VDD,
2. Drive T2 input from VSS to VDD and hold at VDD
to enter TM0.
3. Drive TEST from VSS to VDD and hold at VDD.
4. Apply 10 clock pulses to the T2 input (VDD to
VSS and back to VDD) to enter in TM10 mode.
This enables the Serial Read/Write Calibration
mode.
5. TEST now acts as a data input (High = VDD,
Low = VSS). FEED acts as the clock input
(High = VDD, Low = VSS). Clock in the sensitivity
settings.
The data sequence should be as follows:
6. After all 17 bits have been entered, pulse IO to
store into the EEPROM memory. Power-down
the part to take effect.
5 bit
Standby Sensitivity (LSB first)
3 bit
Hysteresis (LSB first)
4 bit
HUSH Sensitivity (LSB first)
5 bit
CHAMBER voltage in PTT/Chamber
Test (LSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com