| Electronic Components Datasheet Search |
|
RE46C180 Datasheet(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C180 Datasheet(HTML) 30 Page - Microchip Technology |
|
30 / 58 page ![]() RE46C180 DS20002275C-page 30 2011-2021 Microchip Technology Inc. 4.6 Serial Read/Write Calibration and User Features As an alternative to the steps in Section 4.2, Smoke Calibration and Section 4.4, User Feature Selec- tions, the sensitivity settings and user feature selec- tions can be entered directly from a Serial Read/Write Calibration mode. To enter this mode, follow these steps: 1. Power-up with the bias condition shown in Figure 4-1 to enter M0. At power-up: TEST = IO = FEED = T2 = VSS, DETECT = VDD. 2. Drive T2 input from VSS to VDD and hold at VDD to enter TM0. 3. Drive TEST from VSS to VDD and hold at VDD. 4. Apply 18 clock pulses to the T2 input (VDD to VSS and then back to VDD) to enter in TM18 mode. This enables the Serial Read/Write Calibration and User Features modes. 5. TEST now acts as a data input (High = VDD, Low = VSS). FEED acts as the clock input (High = VDD, Low = VSS). Clock in the sensitivity settings. The data sequence should be as follows: 6. After all 35 bits have been entered, pulse IO to store into the EEPROM memory. 7. Use test mode TM19 to set the lock bit to unlocked. This will insure TM18 can be used to read back the data to verify the TM18 write com- pleted properly. D1 ~ D18 User Features (18 bits, LSB first) D19 ~ D35 Calibration (17 bits, LSB First) REGISTER 4-3: SERIAL READ/WRITE REGISTER W-x W-x W-x PTTR5 PTTR4 PTTR3 bit 35 bit 33 W-x W-x W-x W-x W-x W-x W-x W-x PTTR2 PTTR1 TMTR4 TMTR3 TMTR2 TMTR1 HYTR3 HYTR2 bit 32 bit 25 W-x W-x W-x W-x W-x W-x U W-x HYTR1 STTR5 STTR4 STTR3 STTR2 STTR1 — LBTR2 bit 24 bit 17 W-x W-x W-x W-x W-x W-x W-x W-x LBTR1 EOLEn COEn NoAAL SyncEn LBHshEn AMHCEn AMLEDEn bit 16 bit 8 W-x W-x W-x W-x W-x W-x W-x W-x AMTO2 AMTO1 AMEn ShrTO SmrtH HIAO HushEnB TSEL bit 8 bit 1 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 35 PTTR5: MSB (See Table 4-5) bit 34 PTTR4: 4SB bit 33 PTTR3: 3SB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |