Electronic Components Datasheet Search
  English  ▼

X  

RE46C180 Datasheet(PDF) 13 Page - Microchip Technology

Part # RE46C180
Description  CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C180 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RE46C180 Datasheet HTML 9Page - Microchip Technology RE46C180 Datasheet HTML 10Page - Microchip Technology RE46C180 Datasheet HTML 11Page - Microchip Technology RE46C180 Datasheet HTML 12Page - Microchip Technology RE46C180 Datasheet HTML 13Page - Microchip Technology RE46C180 Datasheet HTML 14Page - Microchip Technology RE46C180 Datasheet HTML 15Page - Microchip Technology RE46C180 Datasheet HTML 16Page - Microchip Technology RE46C180 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
2011-2021 Microchip Technology Inc.
DS20002275C-page 13
RE46C180
3.8
End-of-Life (EOL) Indicator
The EOL indicator is a user-programmable function. If
the EOL indicator function is enabled, then approxi-
mately every 15 days of continuous operation, TEOL,
the circuit will read an age count stored in EEPROM,
and will increment this age. After 10 years of operation,
an audible indication will be given to signal that the unit
should be replaced. The EOL indicator is the same as
the chamber test failure warning.
3.9
Tone Pattern
The smoke alarm tone pattern can be either a temporal
pattern, or a continuous pattern, depending on the
user’s selection. The temporal horn pattern supports
the NFPA 72® National Fire Alarm and Signaling
Code® for emergency evacuation signals. The
continuous pattern is a 70% duty cycle continuous
pattern.
If a CO alarm is detected through the IO, the unit will
sound the CO tone pattern. The CO tone pattern con-
sists of 4 horn beeps in every 5.8s. Each horn beep is
100ms long and separated by 100ms.
3.10 Horn Synchronization
The horn synchronization function is programmable by
the user.
In an interconnected system, if one unit goes into Local
Alarm, other units will also go into Remote Alarm. The
IO line is driven high by the origination local smoke unit,
and stays high during the alarm.
If the Horn Synchronization function is enabled, at the
end of every temporal horn pattern and when the horn
is off, the origination unit will drive IO low, then high
again. This periodic IO pulsing high and low will cause
the remote smoke units to go into and out of the
Remote Alarm repeatedly. Each time a unit goes into a
Remote Alarm, its timing is reset. The horn sound of all
remote smoke units will be synchronized with the horn
sound of the origination unit.
A protection circuit ensures that the unit which goes
into Local Alarm first will be the controlling unit that con-
trols the horn synchronization. The units that go later
into Local Alarm will not drive the IO line. This prevents
bus contention problem.
This function works with the temporal tone pattern only.
3.11 Auto Alarm Locate
Auto Alarm Locate (AAL) is also a user-programmable
function. To use AAL, the horn synchronization has to
be selected first. The purpose of AAL is to let users
quickly find the local alarm units just by listening. The
local alarm units will sound the temporal pattern without
interruption. The remote alarm units will sound the pat-
tern with interruption. Every four temporal patterns
(or 16s), the remote units are kept silenced for one pat-
tern (or 4s).
The originating unit conducts the IO cycling. Every four
temporal patterns the IO is driven low for one temporal
pattern. In the remaining three temporal patterns, the
IO is still pulsing to keep the horn synchronized.
The RLED of the origination unit and other local smoke
units will be turned on 10 ms every 1s. The RLED of the
remote smoke units will be off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com