| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 33 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 33 Page - Maxim Integrated Products |
|
33 / 157 page ![]() DS2196 33 of 157 TCR1B: TRANSMIT CONTROL REGISTER 1 FRAMER B (Address = D5 Hex) (MSB) (LSB) LOTCMC TFPT TCPT RBSE GB7S TFDLS TBL TYEL SYMBOL POSITION NAME AND DESCRIPTION LOTCMC TCR1B.7 Loss Of Transmit Clock Mux Control. Determines whether the transmit side of Formatter B should switch to MCLK if the TCLK input should fail to transition (see Figure 1.1 for details). 0 = do not switch to MCLK if TCLKB stops 1 = switch to MCLK if TCLKB stops TFPT TCR1B.6 Transmit F–Bit Pass Through. (see note below) 0 = F bits sourced internally 1 = F bits sampled at TSERB TCPT TCR1B.5 Transmit CRC Pass Through. (see note below) 0 = source CRC6 bits internally 1 = CRC6 bits sampled at TSERB during F–bit time RBSE TCR1B.4 Robbed Bit Signaling Enable. (see note below) 0 = no signaling is inserted in any channel 1 = signaling is inserted in all channels (the TTR registers can be used to block insertion on a channel by channel basis) GB7S TCR1B.3 Global Bit 7 Stuffing. (see note below) 0 = allow the TTR registers to determine which channels containing all 0’s are to be Bit 7 stuffed 1 = force Bit 7 stuffing in all zero byte channels regardless of how the TTR registers are programmed TFDLS TCR1B.2 TFDL Register Select. (see note below) 0 = source FDL or Fs bits from the internal TFDL register (legacy FDL support mode) 1 = source FDL or Fs bits from the internal HDLC/BOC controller or the TLINKB pin TBL TCR1B.1 Transmit Blue Alarm. (see note below) 0 = transmit data normally 1 = transmit an unframed all 1’s code at TPOSOB and TNEGOB TYEL TCR1B.0 Transmit Yellow Alarm. (see note below) 0 = do not transmit yellow alarm 1 = transmit yellow alarm NOTE: For a description of how the bits in TCR1B affect the transmit side formatter, see Figure 21-7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |