Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2196 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button DS2196 Datasheet HTML 32Page - Maxim Integrated Products DS2196 Datasheet HTML 33Page - Maxim Integrated Products DS2196 Datasheet HTML 34Page - Maxim Integrated Products DS2196 Datasheet HTML 35Page - Maxim Integrated Products DS2196 Datasheet HTML 36Page - Maxim Integrated Products DS2196 Datasheet HTML 37Page - Maxim Integrated Products DS2196 Datasheet HTML 38Page - Maxim Integrated Products DS2196 Datasheet HTML 39Page - Maxim Integrated Products DS2196 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 157 page
background image
DS2196
36 of 157
Table 6-1: OUTPUT PIN TEST MODES
TEST 1
TEST 0 EFFECT ON OUTPUT PINS
0
0
operate normally
0
1
force all output pins into 3–state (including all I/O pins and
parallel port pins)
1
0
force all output pins low (including all I/O pins except parallel port
pins)
1
1
force all output pins high (including all I/O pins except parallel
port pins)
CCR1A: COMMON CONTROL REGISTER 1 FRAMER A (Address = 37 Hex)
(MSB)
(LSB)
TRAIM
ODF
RSAO
RDS2
RDS1
RDS0
PLB
FLB
SYMBOL
POSITION
NAME AND DESCRIPTION
TRAIM
CCR1A.7
Transmit RAI Mode. Only used in ESF framing mode.
0 = normal RAI
1 = RAI-CI
ODF
CCR1A.6
Output Data Format.
0 = bipolar data at TPOSOA and TNEGOA
1 = NRZ data at TPOSOA; TNEGOA = TSYNCA delayed by
10 TCLKAs
RSAO
CCR1A.5
Receive Signaling All 1’s.
0 = allow robbed signaling bits to appear at RSERA
1 = force all robbed signaling bits at RSERA to 1
RDS2
CCR1A.4
Receive Data Source Bit 2 See Table 6–2.
RDS1
CCR1A.3
Receive Data Source Bit 1 See Table 6–2.
RDS0
CCR1A.2
Receive Data Source Bit 0 See Table 6–2.
PLB
CCR1A.1
Payload Loopback.
0 = loopback disabled
1 = loopback enabled
FLB
CCR1A.0
Framer Loopback.
0 = loopback disabled
1 = loopback enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com