Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2196 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button DS2196 Datasheet HTML 31Page - Maxim Integrated Products DS2196 Datasheet HTML 32Page - Maxim Integrated Products DS2196 Datasheet HTML 33Page - Maxim Integrated Products DS2196 Datasheet HTML 34Page - Maxim Integrated Products DS2196 Datasheet HTML 35Page - Maxim Integrated Products DS2196 Datasheet HTML 36Page - Maxim Integrated Products DS2196 Datasheet HTML 37Page - Maxim Integrated Products DS2196 Datasheet HTML 38Page - Maxim Integrated Products DS2196 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 157 page
background image
DS2196
35 of 157
TCR2B: TRANSMIT CONTROL REGISTER 2 FRAMER B (Address = D6 Hex)
(MSB)
(LSB)
–
–
TAISM
TSDW
TSM
TSIO
TD4YM
TB7ZS
SYMBOL
POSITION
NAME AND DESCRIPTION
–
TCR2B.7
Not Assigned. Should be set to 0 when written to.
–
TCR2B.6
Not Assigned. Should be set to 0 when written to.
TAISM
TCR2A.5
Transmit AIS Mode.
0 = normal AIS
1 = AIS-CI
TSDW
TCR2B.4
TSYNCB Double–Wide. (note: this bit must be set to 0 when
TCR2.3=1 or when TCR2.2=0)
0 = do not pulse double–wide in signaling frames
1 = do pulse double–wide in signaling frames
TSM
TCR2B.3
TSYNCB Mode Select.
0 = frame mode (see the timing in Section 21)
1 = multiframe mode (see the timing in Section 21)
TSIO
TCR2B.2
TSYNCB I/O Select.
0 = TSYNCB is an input
1 = TSYNCB is an output
TD4YM
TCR2B.1
Transmit Side D4 Yellow Alarm Select.
0 = zeros in bit 2 of all channels
1 = a 1 in the S–bit position of frame 12
TB7ZS
TCR2B.0
Transmit Side Bit 7 Zero Suppression Enable.
0 = no stuffing occurs
1 = Bit 7 force to a 1 in channels with all 0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com