Electronic Components Datasheet Search
  English  ▼

X  

DS2187 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2187 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2187 Datasheet HTML 2Page - Maxim Integrated Products DS2187 Datasheet HTML 3Page - Maxim Integrated Products DS2187 Datasheet HTML 4Page - Maxim Integrated Products DS2187 Datasheet HTML 5Page - Maxim Integrated Products DS2187 Datasheet HTML 6Page - Maxim Integrated Products DS2187 Datasheet HTML 7Page - Maxim Integrated Products DS2187 Datasheet HTML 8Page - Maxim Integrated Products DS2187 Datasheet HTML 9Page - Maxim Integrated Products DS2187 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS2187
6 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.1V to +7.0V
Operating Temperature
0° to 70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
** Inputs other than RTIP and RRING
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Logic 1
VIH
2.0
VCC+.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
Supply
VDD
4.75
5.25
V
Input Voltage Swing
RTIP,RRING
VIN
-7.0
12.0
V
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
18
25
mA
2
Input Leakage
IL
-1.0
+10
µA
1, 3
Output Current @ 2.4V
IOH
-1.0
mA
4
Output Current @ 0.4V
IOL
+4.0
mA
4
NOTES:
1. All inputs except RTIP and RRING.
2. Outputs open.
3. 0.0V < VIN <VDD.
4. All outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com