Electronic Components Datasheet Search
  English  ▼

X  

DS2187 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2187 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2187 Datasheet HTML 1Page - Maxim Integrated Products DS2187 Datasheet HTML 2Page - Maxim Integrated Products DS2187 Datasheet HTML 3Page - Maxim Integrated Products DS2187 Datasheet HTML 4Page - Maxim Integrated Products DS2187 Datasheet HTML 5Page - Maxim Integrated Products DS2187 Datasheet HTML 6Page - Maxim Integrated Products DS2187 Datasheet HTML 7Page - Maxim Integrated Products DS2187 Datasheet HTML 8Page - Maxim Integrated Products DS2187 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
062101
FEATURES
Line interface for T1 (1.544 MHz) and CEPT
(2.048 MHz) primary rate networks
Extracts clock and data from twisted pair or
coax
Meets requirements of PUB 43801, TR
62411, and applicable CCITT G.823
Precision on-chip PLL eliminates external
crystal or LC tank - no tuning required
Decodes AMI, B8ZS, and HDB3 coded
signals
Designed for short loop applications such as
terminal equipment to DSX-1
Reports alarm and error events
Compatible with the DS2180A T1/ISDN
Primary Rate and DS2181A CEPT
Transceivers, as well as DS2141A T1 and
DS2143 E1 Controllers
Companion to the DS2186 T1/CEPT
Transmit Line Interface and DS2188
T1/CEPT Jitter Attenuator
Single 5V supply; low-power CMOS
technology
PIN ASSIGNMENT
DESCRIPTION
The DS2187 T1/CEPT Receive Line Interface chip interfaces user equipment to North American (T1
1.544 MHz) and European (CEPT 2.048 MHz) primary rate communication networks. The device
extracts clock and data from twisted pair or coax transmission media and eliminates expensive discrete
components and/or manual tuning required in existing T1 and CEPT line termination electronics.
Application areas include DACS, CSU, CPE, channel banks, and PABX-to-computer interfaces such as
DMI and CPI.
DS2187
Receive Line Interface
www.dalsemi.com
AVDD
1
20
DVDD
RAIS
2
19
RCL
ZCSEN
3
18
AIS
NC
4
17
BPV
LCAP
5
16
NC
RCLKSEL
6
15
NC
RTIP
7
14
RPOS
RRING
8
13
RNEG
LOCK
9
12
RCLK
AVSS
10
11
DVSS
20-Pin SOIC (300-mil)
AVDD
1
18
DVDD
RAIS
2
17
RCL
ZCSEN
3
16
AIS
LCAP
4
15
BPV
RCLKSEL
5
14
NC
RTIP
6
13
RPOS
RRING
7
12
RNEG
LOCK
8
11
RCLK
AVSS
9
10
DVSS
18-Pin DIP (300-mil)


Similar Part No. - DS2187

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
More results

Similar Description - DS2187

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064 Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com