Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2172
Description  Bit Error Rate Tester (BERT)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2172 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2172 Datasheet HTML 5Page - Maxim Integrated Products DS2172 Datasheet HTML 6Page - Maxim Integrated Products DS2172 Datasheet HTML 7Page - Maxim Integrated Products DS2172 Datasheet HTML 8Page - Maxim Integrated Products DS2172 Datasheet HTML 9Page - Maxim Integrated Products DS2172 Datasheet HTML 10Page - Maxim Integrated Products DS2172 Datasheet HTML 11Page - Maxim Integrated Products DS2172 Datasheet HTML 12Page - Maxim Integrated Products DS2172 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS2172
9 of 22
7.0 ERROR INSERT REGISTER
The Error Insertion Register (EIR) controls circuitry within the DS2172 that allows the generated pattern
to be intentionally corrupted. Bit errors can be inserted automatically at regular intervals by properly
programming the EIR0 to EIR2 bits or bit errors can be inserted at random (under microcontroller
control) via the EIR.3 bit.
EIR: ERROR INSERT REGISTER (Address=07 Hex)
(MSB)
(LSB)
-
-
TINV
RINV
SBE
EIR2
EIR1
EIR0
SYMBOL
POSITION
NAME AND DESCRIPTION
-EIR.7
Not Assigned. Should be set to 0 when written to.
-EIR.6
Not Assigned. Should be set to 0 when written to.
TINV
EIR.5
Transmit Data Inversion Select.
0 = do not invert data to be transmitted at TDATA
1 = invert data to be transmitted at TDATA
RINV
EIR.4
Receive Data Inversion Select.
0 = do not invert data received at RDATA
1 = invert data received at RDATA
SBE
EIR.3
Single Bit Error Insert. A low to high transition will create a single bit
error. Must be cleared and set again for a subsequent bit error to be
inserted. Can be used to accomplish rates not addressed in Table 3 (e.g.,
BER of less than 10
-7).
EIB2
EIR.2
Error Insert Bit 2. See Table 3.
EIB1
EIR.1
Error Insert Bit 1. See Table 3.
EIB0
EIR.0
Error Insert Bit 0. See Table 3.
ERROR BIT INSERTION Table 3
EIB2
EIB1
EIB0
ERROR RATE INSERTED
0
0
0
no errors automatically inserted
00
1
10
-1
01
0
10
-2
01
1
10
-3
10
0
10
-4
10
1
10
-5
11
0
10
-6
11
1
10
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com