Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2172
Description  Bit Error Rate Tester (BERT)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2172 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2172 Datasheet HTML 9Page - Maxim Integrated Products DS2172 Datasheet HTML 10Page - Maxim Integrated Products DS2172 Datasheet HTML 11Page - Maxim Integrated Products DS2172 Datasheet HTML 12Page - Maxim Integrated Products DS2172 Datasheet HTML 13Page - Maxim Integrated Products DS2172 Datasheet HTML 14Page - Maxim Integrated Products DS2172 Datasheet HTML 15Page - Maxim Integrated Products DS2172 Datasheet HTML 16Page - Maxim Integrated Products DS2172 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS2172
13 of 22
SR: STATUS REGISTER (Address=14 Hex)
(MSB)
(LSB)
-
RA1
RA0
RLOS
BED
BCOF
BECOF
SYNC
SYMBOL
POSITION
NAME AND DESCRIPTION
-SR.7
Not Assigned. Could be any value when read.
RA1
SR.6
Receive All Ones. Set when 32 consecutive 1s are received; allowed to be
cleared when a 0 is received.
RA0
SR.5
Receive All Zeros. Set when 32 consecutive 0s are received; allowed to be
cleared when a 1 is received.
RLOS
SR.4
Receive Loss Of Sync. Set when the device is searching for
synchronization. Once sync is achieved, will remain set until read.
BED
SR.3
Bit Error Detection. Set when bit errors are detected.
BCOF
SR.2
Bit Counter Overflow. Set when the 32-bit BCR overflows.
BECOF
SR.1
Bit Error Count Overflow. Set when the 32-bit BECR overflows.
SYNC
SR.0
Sync. Real time status of the synchronizer (this bit is not latched). Will be
set when synchronization is declared. Will be cleared when 6 or more bits
out of 64 are received in error (if PCR.2 = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com