Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2153Q Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS2153Q Datasheet HTML 16Page - Maxim Integrated Products DS2153Q Datasheet HTML 17Page - Maxim Integrated Products DS2153Q Datasheet HTML 18Page - Maxim Integrated Products DS2153Q Datasheet HTML 19Page - Maxim Integrated Products DS2153Q Datasheet HTML 20Page - Maxim Integrated Products DS2153Q Datasheet HTML 21Page - Maxim Integrated Products DS2153Q Datasheet HTML 22Page - Maxim Integrated Products DS2153Q Datasheet HTML 23Page - Maxim Integrated Products DS2153Q Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
DS2153Q
20 of 60
SSR: SYNCHRONIZER STATUS REGISTER (Address = 1E Hex)
(MSB)
(LSB)
CSC5
CSC4
CSC3
CSC2
CSC0
FASSA
CASSA
CRC4SA
SYMBOL
POSITION
NAME AND DESCRIPTION
CSC5
SSR.7
CRC4 Sync Counter Bit 5. MSB of the 6-bit counter.
CSC4
SSR.6
CRC4 Sync Counter Bit 4.
CSC3
SSR.5
CRC4 Sync Counter Bit 3.
CSC2
SSR.4
CRC4 Sync Counter Bit 2.
CSC0
SSR.3
CRC4 Sync Counter Bit 0. LSB of the 6-bit counter. The next
to LSB bit is not accessible. This bit will toggle each time the
CRC4 MF search times out at 8ms.
FASSA
SSR.2
FAS Sync Active. Set while the synchronizer is searching for
alignment at the FAS level.
CASSA
SSR.1
CAS MF Sync Active. Set while the synchronizer is searching
for the CAS MF alignment word.
CRC4SA
SSR.0
CRC4 MF Sync Active. Set while the synchronizer is searching
for the CRC4 MF alignment word.
5.1 CRC4 Sync Counter
The CRC4 sync counter increments each time the 8ms CRC4 multiframe search times out. The counter is
cleared when the DS2153Q has successfully obtained synchronization at the CRC4 level. The counter can
also be cleared by disabling the CRC4 mode (CCR1.0 = 0). This counter is useful for determining the
amount of time the DS2153Q has been searching for synchronization at the CRC4 level. Annex B of
CCITT G.706 suggests that if synchronization at the CRC4 level cannot be obtained within 400ms, then
the search should be abandoned and proper action taken. The CRC4 sync counter will rollover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com