Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2153Q Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2153Q Datasheet HTML 17Page - Maxim Integrated Products DS2153Q Datasheet HTML 18Page - Maxim Integrated Products DS2153Q Datasheet HTML 19Page - Maxim Integrated Products DS2153Q Datasheet HTML 20Page - Maxim Integrated Products DS2153Q Datasheet HTML 21Page - Maxim Integrated Products DS2153Q Datasheet HTML 22Page - Maxim Integrated Products DS2153Q Datasheet HTML 23Page - Maxim Integrated Products DS2153Q Datasheet HTML 24Page - Maxim Integrated Products DS2153Q Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DS2153Q
21 of 60
SR1: STATUS REGISTER 1 (Address = 06 Hex)
(MSB)
(LSB)
RSA1
RDMA
RSA0
RSLIP
RUA1
RRA
RCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSA1
SR1.7
Receive Signaling All 1s. Set when the contents of time slot 16
contains less than three 0s over 16 consecutive frames. This alarm
is not disabled in the CCS signaling mode.
RDMA
SR1.6
Receive Distant MF Alarm. Set when bit 6 of time slot 16 in
frame 0 has been set for two consecutive multiframes. This alarm
is not disabled in the CCS signaling mode.
RSA0
SR1.5
Receive Signaling All 0s. Set when over a full MF, time slot 16
contains all 0s.
RSLIP
SR1.4
Receive Elastic Store Slip Occurrence. Set when the elastic store
has either repeated or deleted a frame of data.
RUA1
SR1.3
Receive Unframed All 1s. Set when an unframed all 1s code is
received at RTIP and RRING.
RRA
SR1.2
Receive Remote Alarm. Set when a remote alarm is received at
RTIP and RRING.
RCL
SR1.1
Receive Carrier Loss. Set when 255 consecutive 0s have been
detected at RTIP and RRING.
RLOS
SR1.0
Receive Loss of Sync. Set when the device is not synchronized to
the receive E1 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com