Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2153Q Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS2153Q Datasheet HTML 35Page - Maxim Integrated Products DS2153Q Datasheet HTML 36Page - Maxim Integrated Products DS2153Q Datasheet HTML 37Page - Maxim Integrated Products DS2153Q Datasheet HTML 38Page - Maxim Integrated Products DS2153Q Datasheet HTML 39Page - Maxim Integrated Products DS2153Q Datasheet HTML 40Page - Maxim Integrated Products DS2153Q Datasheet HTML 41Page - Maxim Integrated Products DS2153Q Datasheet HTML 42Page - Maxim Integrated Products DS2153Q Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DS2153Q
39 of 60
13 LINE INTERFACE FUNCTIONS
The line interface function in the DS2153Q contains three sections: the receiver, which handles clock and
data recovery; the transmitter, which waveshapes and drives the T1 line; and the jitter attenuator. Each of
these three sections is controlled by the Line Interface Control Register (LICR), which is described
below.
LICR: LINE INTERFACE CONTROL REGISTER (Address = 18 Hex)
(MSB)
(LSB)
LB2
LB1
LB0
EGL
JAS
JABDS
DJA
TPD
LICR
SYMBOL POSITION NAME AND DESCRIPTION
LB2
LICR.7
Line Build-Out Select Bit 2. Sets the transmitter build
out; see the Table 13-2.
LB1
LICR.6
Line Build-Out Select Bit 1. Sets the transmitter build
out; see the Table 13-2.
LB0
LICR.5
Line Build-Out Select Bit 0. Sets the transmitter build
out; see the Table 13-2.
EGL
LICR.4
Receive Equalizer Gain Limit.
0 = -12dB
1 = -30dB
JAS
LICR.3
Jitter Attenuator Select.
0 = place the jitter attenuator on the receive side
1 = place the jitter attenuator on the transmit side
JABDS
LICR.2
Jitter Attenuator Buffer Depth Select.
0 = 128 bits
1 = 32 bits (use for delay sensitive applications)
DJA
LICR.1
Disable Jitter Attenuator.
0 = jitter attenuator enabled
1 = jitter attenuator disabled
TPD
LICR.0
Transmit Power Down.
0 = normal transmitter operation
1 = powers down the transmitter and tri-states the TTIP
and TRING pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com