Electronic Components Datasheet Search
  English  ▼

X  

DS2143 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS2143
Description  E1 Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2143 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS2143 Datasheet HTML 20Page - Maxim Integrated Products DS2143 Datasheet HTML 21Page - Maxim Integrated Products DS2143 Datasheet HTML 22Page - Maxim Integrated Products DS2143 Datasheet HTML 23Page - Maxim Integrated Products DS2143 Datasheet HTML 24Page - Maxim Integrated Products DS2143 Datasheet HTML 25Page - Maxim Integrated Products DS2143 Datasheet HTML 26Page - Maxim Integrated Products DS2143 Datasheet HTML 27Page - Maxim Integrated Products DS2143 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
DS2143/DS2143Q
24 of 44
RS1 TO RS16: RECEIVE SIGNALING REGISTERS (Address=30 to 3F Hex)
(MSB)
(LSB)
0000
X
Y
X
X
RS1 (30)
A(1)
B(1)
C(1)
D(1)
A(16)
B(16)
C(16)
D(16)
RS2 (31)
A(2)
B(2)
C(2)
D(2)
A(17)
B(17)
C(17)
D(17)
RS3 (32)
A(3)
B(3)
C(3)
D(3)
A(18)
B(18)
C(18)
D(18)
RS4 (33)
A(4)
B(4)
C(4)
D(4)
A(19)
B(19)
C(19)
D(19)
RS5 (34)
A(5)
B(5)
C(5)
D(5)
A(20)
B(20)
C(20)
D(20)
RS6 (35)
A(6)
B(6)
C(6)
D(6)
A(21)
B(21)
C(21)
D(21)
RS7 (36)
A(7)
B(7)
C(7)
D(7)
A(22)
B(22)
C(22)
D(22)
RS8 (37)
A(8)
B(8)
C(8)
D(8)
A(23)
B(23)
C(23)
D(23)
RS9 (38)
A(9)
B(9)
C(9)
D(9)
A(24)
B(24)
C(24)
D(24)
RS10 (39)
A(10)
B(10)
C(10)
D(10)
A(25)
B(25)
C(25)
D(25)
RS11 (3A)
A(11)
B(11)
C(11)
D(11)
A(26)
B(26)
C(26)
D(26)
RS12 (3B)
A(12)
B(12)
C(12)
D(12)
A(27)
B(27)
C(27)
D(27)
RS13 (3C)
A(13)
B(13)
C(13)
D(13)
A(28)
B(28)
C(28)
D(28)
RS14 (3D)
A(14)
B(14)
C(14)
D(14)
A(29)
B(29)
C(29)
D(29)
RS15 (3E)
A(15)
B(15)
C(15)
D(15)
A(30)
B(30)
C(30)
D(30)
RS16 (3F)
SYMBOL
POSITION
NAME AND DESCRIPTION
X
RS1.0/1/3
Spare Bits.
Y
RS1.2
Remote Alarm Bit (integrated and reported in SR1.6).
A(1)
RS2.7
Signaling Bit A for Channel 1.
D(30)
RS16.0
Signaling Bit D for Channel 30.
Each Receive Signaling Register (RS1 to RS16) reports the incoming signaling from two timeslots. The
bits in the Receive Signaling Registers are updated on multiframe boundaries so the user can utilize the
Receive Multiframe Interrupt in the Receive Status Register 2 (SR2.7) to know when to retrieve the
signaling bits. The user has a full 2 ms to retrieve the signaling bits before the data is lost. The RS
registers are updated under all conditions. Their validity should be qualified by checking for
synchronization at the CAS level. In CCS signaling mode, RS1 to RS16 can also be used to extract
signaling information. Via the SR2.7 bit, the user will be informed when the signaling registers have been
loaded with data. The user has 2 ms to retrieve the data before it is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com