Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 70Page - Maxim Integrated Products DS1886 Datasheet HTML 71Page - Maxim Integrated Products DS1886 Datasheet HTML 72Page - Maxim Integrated Products DS1886 Datasheet HTML 73Page - Maxim Integrated Products DS1886 Datasheet HTML 74Page - Maxim Integrated Products DS1886 Datasheet HTML 75Page - Maxim Integrated Products DS1886 Datasheet HTML 76Page - Maxim Integrated Products DS1886 Datasheet HTML 77Page - Maxim Integrated Products DS1886 Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
74
Maxim Integrated
A2h Table 02h, Register C1h: PW_ENB
FACTORY DEFAULT
03h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
C1h
RWTBL46
RTBL1C
RTBL2
RTBL1A
RTBL1B
WPW1
WAUXAU
WAUXBU
BIT 7
BIT 0
BIT 7
RWTBL46: Read and write Tables 04h and 06h.
0 = (Default) Read and write access for PW2 only.
1 = Read and write access for both PW1 and PW2.
BIT 6
RTBL1C: Read A2h Table 01h or A2h Table 05h, Registers F8h–FFh. Table address is dependent
on the MASK bit (A2h Table 02h, Register 89h).
0 = (Default) Read access for PW2 only.
1 = Read access for both PW1 and PW2.
BIT 5
RTBL2: Read A2h Table 02h except for PW1 value locations (A2h Table 02h, Registers B0h–B3h).
0 = (Default) Read access for PW2 only.
1 = Read access for both PW1 and PW2.
BIT 4
RTBL1A: Read A2h Table 01h, Registers 80h–BFh.
0 = (Default) read access for PW2 only.
1 = Read access for both PW1 and PW2.
BIT 3
RTBL1B: Read A2h Table 01h, Registers C0h-F7h.
0 = (Default) read access for PW2 only.
1 = Read access for both PW1 and PW2.
BIT 2
WPW1: Write register PW1 (A2h Table 02h, Registers B0h–B3h). For security purposes these
registers are not readable.
0 = (Default) Write access for PW2 only.
1 = Write access for both PW1 and PW2.
BIT 1
WAUXAU: Write auxiliary memory, Registers 00h–7Fh. All users can read this area (see also A2h
Table 02h, Register C0h, PW_ENA).
0 = Write access for PW2 only.
1 = (Default) Write access for user, PW1, and PW2.
BIT 0
WAUXBU: Write auxiliary memory, Registers 80h–FFh. All users can read this area (see also A2h
Table 02h, Register C0h, PW_ENA)
0 = Write access for PW2 only.
1 = (Default) Write access for user, PW1, and PW2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com