Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 38Page - Maxim Integrated Products DS1886 Datasheet HTML 39Page - Maxim Integrated Products DS1886 Datasheet HTML 40Page - Maxim Integrated Products DS1886 Datasheet HTML 41Page - Maxim Integrated Products DS1886 Datasheet HTML 42Page - Maxim Integrated Products DS1886 Datasheet HTML 43Page - Maxim Integrated Products DS1886 Datasheet HTML 44Page - Maxim Integrated Products DS1886 Datasheet HTML 45Page - Maxim Integrated Products DS1886 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
42
Maxim Integrated
A2h Table 04h Register Map
A2h Table 05h Register Map
A2h Table 06h Register Map
Note: A2h Table 05h is empty by default. It can be configured to contain the alarm and warning enable bytes from A2h Table 01h,
Registers F8h-FFh with the MASK bit enabled (A2h Table 02h, Register 89h). In this case A2h Table 01h will be empty.
The access codes represent the factory default values of PW_ENA (A2h Table 02h, Register C0h) and PW_ENB (A2h Table 02h,
Register C1h).
ACCESS
CODE
<0>
<1>
<2>
<3>
<4>
<5>
<6>
<7>
<8>
<9>
<10>
<11>
Read
Access
See each
bit/byte
separately
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
PW2
N/A
All and
device
hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1
A2h TABLE 04h (MODULATION OR TXCTRL5 LUT)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–A7
<8>MODULATION/
TXCTRL5
SEE TABLE DESCRIPTION
A8–EF
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
F0
<8>IMODMAX
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
MOD MAX LUT
F8
<8>MOD OFFSET/
SET_IMOD LUT
SEE TABLE DESCRIPTION
A2h TABLE 05h
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–F7
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
F8
<8>ALARM ENABLE
ALARM EN3
ALARM EN2
RESERVED
RESERVED
WARN EN3
WARN EN2
RESERVED
RESERVED
A2h TABLE 06h (BIAS OR APC LUT)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–A7
<8>BIAS/APC LUT
SEE TABLE DESCRIPTION
A8–EF
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
F0
<8>IBIASMAX
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
BIAS MAX LUT
F8
<8>BIAS/SET_IBIAS OFF
SEE TABLE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com