Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 25Page - Maxim Integrated Products DS1886 Datasheet HTML 26Page - Maxim Integrated Products DS1886 Datasheet HTML 27Page - Maxim Integrated Products DS1886 Datasheet HTML 28Page - Maxim Integrated Products DS1886 Datasheet HTML 29Page - Maxim Integrated Products DS1886 Datasheet HTML 30Page - Maxim Integrated Products DS1886 Datasheet HTML 31Page - Maxim Integrated Products DS1886 Datasheet HTML 32Page - Maxim Integrated Products DS1886 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
29
Maxim Integrated
3-Wire Slave Register Map and DS1886
Corresponding Location
When the MAX3945 registers are written, the MAX3710
are also written simultaneously (Table 6).
3-Wire Master Flowchart
Figure 14 explains the working of the 3-wire master in
the DS1886 in all three opreating modes. These modes
are described in the DS1886 with MAX3710 Operating
Modes section.
Table 6. 3-Wire Register Map and DS1886 Corresponding Location
DS1886 REGISTER
(A2h TABLE 02h)
DS1886
REGISTER NAME
MAX3710
ADDRESS
MAX3710
REGISTER NAME
MAX3945
ADDRESS
MAX3945
REGISTER NAME
82h–83h
MODULATION VALUE
0Eh
SET_IMOD
N/A
N/A
85h
APC VALUE
11h
SET_2XAPC
N/A
N/A
86h–87h
SET_BIAS VALUE
0Dh
SET_IBIAS
N/A
N/A
CAh
INCBYTE[7:4]
0Fh
BIASINC
N/A
N/A
CAh
INCBYTE[3:0]
10h
MODINC
N/A
N/A
CBh
TXCTRL5 DPC
0Ah
TXCTRL5
N/A
N/A
CCh
IMODMAX
0Ch
IMODMAX
N/A
N/A
CDh
IBIASMAX
0Bh
IBIASMAX
N/A
N/A
E0h
RXCTRL1
01h
RXCTRL1
00h
RXCTRL1
E1h
RXCTRL2
02h
RXCTRL2
01h
RXCTRL2
E2h
SETCML
03h
SET_CML
03h
SET_CML
E3h
SETLOSH
04h
SET_LOS
N/A
N/A
E4h
TXCTRL1
06h
TXCTRL1
N/A
N/A
E5h
TXCTRL2
07h
TXCTRL2
N/A
N/A
E6h
TXCTRL3
08h
TXCTRL3
N/A
N/A
E7h
TXCTRL4
09h
TXCTRL4
N/A
N/A
E8h
TXCTRL5 APC OL
0Ah
TXCTRL5
N/A
N/A
E9h
TXCTRL6
13h
TXCTRL6
N/A
N/A
EAh
TXCTRL7
05h
TXCFG
N/A
N/A
ECh
SETLOSH_3945
N/A
N/A
04h
SET_LOS
EDh
SETLOSL_3945
N/A
N/A
04h
SET_LOS
EEh
SETLOSTIMER_3945
N/A
N/A
12h
SET_LOSTIMER
F0h
3WCTRL
Manual control of read/write from/to 3-wire slave devices; useful for determining
correct settings for the slave devices and also for debugging.
F1h
ADDRESS
F2h
WRITE
F3h
READ
F4h
TXSTAT2
1Fh
TXSTAT2
N/A
N/A
F5h
TXSTAT1
1Eh
TXSTA1
N/A
N/A
F6h
DPCSTAT
1Dh
DPCSTAT
N/A
N/A
F7h
RXSTAT
1Ch
RXSTAT
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com