Electronic Components Datasheet Search
  English  ▼

X  

2900366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900366
Description  Solid-state relay module - PLC-OPT- 60DC/ 24DC/2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900366 Datasheet HTML 1Page - PHOENIX CONTACT 2900366 Datasheet HTML 2Page - PHOENIX CONTACT 2900366 Datasheet HTML 3Page - PHOENIX CONTACT 2900366 Datasheet HTML 4Page - PHOENIX CONTACT 2900366 Datasheet HTML 5Page - PHOENIX CONTACT 2900366 Datasheet HTML 6Page - PHOENIX CONTACT 2900366 Datasheet HTML 7Page - PHOENIX CONTACT 2900366 Datasheet HTML 8Page - PHOENIX CONTACT 2900366 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/pi/products/2900366
10/27/2021   Page 1 / 14
Solid-state relay module - PLC-OPT- 60DC/ 24DC/2 - 2900366
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in
miniature solid-state relay, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input: 60 V DC, output: 3 - 33 V
DC/3 A
Your advantages
 Slim design
 Efficient connection to system cabling using V8 adapter
 RT III sealed solid-state relay
 High switching power
 Zero voltage switch at AC output
 Functional plug-in bridges
 Integrated input circuit
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356506823
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C


Similar Part No. - 2900366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900361 PHOENIX-2900361 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT-230UC/ 48DC/100/SEN
2900362 PHOENIX-2900362 Datasheet
80Kb / 5P
Solid-state relay module - PLC-PT-EIK 1-SVN 24M
2900363 PHOENIX-2900363 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT- 24DC/TTL
2900364 PHOENIX-2900364 Datasheet
151Kb / 6P
PLC-OPIT- 24DC/ 24DC/2
2900365 PHOENIX-2900365 Datasheet
436Kb / 14P
Solid-state relay module - PLC-OPT- 48DC/ 24DC/2
More results

Similar Description - 2900366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900363 PHOENIX-2900363 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT- 24DC/TTL
2900367 PHOENIX-2900367 Datasheet
85Kb / 5P
Solid-state relay module - PLC-OPT-120UC/ 24DC/2
2900384 PHOENIX-2900384 Datasheet
87Kb / 5P
Solid-state relay module - PLC-OPT- 60DC/300DC/1
2966605 PHOENIX-2966605 Datasheet
90Kb / 11P
Miniature solid-state relay - OPT-60DC/ 24DC/ 2
2900365 PHOENIX-2900365 Datasheet
436Kb / 14P
Solid-state relay module - PLC-OPT- 48DC/ 24DC/2
2900368 PHOENIX-2900368 Datasheet
437Kb / 14P
Solid-state relay module - PLC-OPT-230UC/ 24DC/2
2900354 PHOENIX-2900354 Datasheet
441Kb / 15P
Solid-state relay module - PLC-OPT- 60DC/ 48DC/100
2900371 PHOENIX-2900371 Datasheet
436Kb / 14P
Solid-state relay module - PLC-OPT- 60DC/230AC/1
2967468 PHOENIX-2967468 Datasheet
479Kb / 14P
Solid-state relay module - PLC-OSC- 60DC/ 24DC/ 2
10/27/2021
2902970 PHOENIX-2902970 Datasheet
425Kb / 10P
Solid-state relay module - PLC-OPT- 24DC/24DC/100KHZ
10/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com