Electronic Components Datasheet Search
  English  ▼

X  

2900366 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2900366
Description  Solid-state relay module - PLC-OPT- 60DC/ 24DC/2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900366 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2900366 Datasheet HTML 1Page - PHOENIX CONTACT 2900366 Datasheet HTML 2Page - PHOENIX CONTACT 2900366 Datasheet HTML 3Page - PHOENIX CONTACT 2900366 Datasheet HTML 4Page - PHOENIX CONTACT 2900366 Datasheet HTML 5Page - PHOENIX CONTACT 2900366 Datasheet HTML 6Page - PHOENIX CONTACT 2900366 Datasheet HTML 7Page - PHOENIX CONTACT 2900366 Datasheet HTML 8Page - PHOENIX CONTACT 2900366 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
https://www.phoenixcontact.com/pi/products/2900366
10/27/2021   Page 2 / 14
Solid-state relay module - PLC-OPT- 60DC/ 24DC/2 - 2900366
Technical data
Input data
Nominal input voltage UN
60 V DC
Input voltage range in reference to UN
0.8 ... 1.2
Input voltage range
48 V DC ... 72 V DC
Switching threshold "0" signal in reference to UN
≤ 0.3
Switching threshold "1" signal in reference to UN
≥ 0.8
Typical input current at UN
5 mA
Typical response time
40 µs (at UN)
Typical turn-off time
500 µs (at UN)
Operating voltage display
Yellow LED
Type of protection
Reverse polarity protection
Free-wheeling diode
Protective circuit/component
Polarity protection diode
Damping diode
Transmission frequency
100 Hz
Power dissipation for nominal condition
0.3 W
Output data
Output voltage range
3 V DC ... 33 V DC
Limiting continuous current
3 A (see derating curve)
Maximum inrush current
15 A (10 ms)
Voltage drop at max. limiting continuous current
≤ 200 mV
Output circuit
2-conductor, floating
Type of protection
Reverse polarity protection
Surge protection
Protective circuit/component
Polarity protection diode
General
Test voltage
2.5 kV (50 Hz, 1 min., input/output)
Mounting position
any
Assembly instructions
in rows with zero spacing
Operating mode
100% operating factor
Flammability rating according to UL 94
V0 (Housing)
Connection data
Connection name
Input side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data 2
Connection name
Output side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com