Electronic Components Datasheet Search
  English  ▼

X  

2900366 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2900366
Description  Solid-state relay module - PLC-OPT- 60DC/ 24DC/2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900366 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2900366 Datasheet HTML 6Page - PHOENIX CONTACT 2900366 Datasheet HTML 7Page - PHOENIX CONTACT 2900366 Datasheet HTML 8Page - PHOENIX CONTACT 2900366 Datasheet HTML 9Page - PHOENIX CONTACT 2900366 Datasheet HTML 10Page - PHOENIX CONTACT 2900366 Datasheet HTML 11Page - PHOENIX CONTACT 2900366 Datasheet HTML 12Page - PHOENIX CONTACT 2900366 Datasheet HTML 13Page - PHOENIX CONTACT 2900366 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
https://www.phoenixcontact.com/pi/products/2900366
10/27/2021   Page 13 / 14
Solid-state relay module - PLC-OPT- 60DC/ 24DC/2 - 2900366
Accessories
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Terminal marking
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm, Number of
individual labels: 10
 
 
Marker for terminal blocks - UC-TM 6 - 0818085
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snap into tall marker groove, for terminal block
width: 6.2 mm, lettering field size: 5.6 x 10.5 mm, Number of individual labels: 80
 
 
Marker for terminal blocks - UCT-TM 6 - 0828736
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0,
THERMOMARK CARD, mounting type: snap into tall marker groove, for terminal block width: 6.2 mm, lettering field
size: 5.6 x 10.5 mm, Number of individual labels: 60
 
 
Spare parts
Relay base - PLC-BPT- 60DC/21 - 2900279
6.2 mm PLC basic terminal block with Push-in connection, without relay or solid-state relay, for mounting on DIN rail
NS 35/7,5, 1 changeover contact, input voltage 60 V DC
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com