Electronic Components Datasheet Search
  English  ▼

X  

FDMC0310AS Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMC0310AS
Description  N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC0310AS Datasheet(HTML) 4 Page - ON Semiconductor

  FDMC0310AS Datasheet HTML 1Page - ON Semiconductor FDMC0310AS Datasheet HTML 2Page - ON Semiconductor FDMC0310AS Datasheet HTML 3Page - ON Semiconductor FDMC0310AS Datasheet HTML 4Page - ON Semiconductor FDMC0310AS Datasheet HTML 5Page - ON Semiconductor FDMC0310AS Datasheet HTML 6Page - ON Semiconductor FDMC0310AS Datasheet HTML 7Page - ON Semiconductor FDMC0310AS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
V
GS = 4 V
V
GS = 3 V
V
GS = 4.5 V
V
GS = 3.5 V
V
GS = 6 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
GS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
020
40
60
80
100
0
1
2
3
4
5
V
GS = 4 V
V
GS = 3 V
V
GS = 6 V
V
GS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 4.5 V
V
GS = 10 V
Normalized On-Resistance
vs. Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 19 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs. Junction Temperature
Figure 4.
2468
10
0
3
6
9
12
TJ = 125 oC
ID = 19 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs. Gate to
Source Voltage
Figure 5. Transfer Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
TJ = 125 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs. Source Current
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com