Electronic Components Datasheet Search
  English  ▼

X  

FDMC0310AS Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMC0310AS
Description  N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC0310AS Datasheet(HTML) 7 Page - ON Semiconductor

  FDMC0310AS Datasheet HTML 1Page - ON Semiconductor FDMC0310AS Datasheet HTML 2Page - ON Semiconductor FDMC0310AS Datasheet HTML 3Page - ON Semiconductor FDMC0310AS Datasheet HTML 4Page - ON Semiconductor FDMC0310AS Datasheet HTML 5Page - ON Semiconductor FDMC0310AS Datasheet HTML 6Page - ON Semiconductor FDMC0310AS Datasheet HTML 7Page - ON Semiconductor FDMC0310AS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
0
50
100
150
200
250
-5
0
5
10
15
20
25
di/dt = 300 A/μs
TIME (ns)
Figure 14. SyncFETTM Body Diode
Reverse Recovery Characteristic
Figure 15. SyncFETTM Body Diode Re-
verse Leakage vs. Drain-Source Voltage
0
5
10
15
20
25
30
0.000001
0.00001
0.0001
0.001
0.01
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
Typical Characteristics (continued)
SyncFETTM Schottky body diode
Characteristics
ON Semiconductor SyncFETTM process embeds a Schottky
diode
in
parallel with PowerTrench MOSFET. This diode
exhibits similar characteristics to a discrete external Schottky
diode in parallel with a MOSFET. Figure 14 shows the
reverse recovery characteristic of the FDMC0310AS.
www.onsemi.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com