Electronic Components Datasheet Search
  English  ▼

X  

FDMC0310AS Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMC0310AS
Description  N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC0310AS Datasheet(HTML) 1 Page - ON Semiconductor

  FDMC0310AS Datasheet HTML 1Page - ON Semiconductor FDMC0310AS Datasheet HTML 2Page - ON Semiconductor FDMC0310AS Datasheet HTML 3Page - ON Semiconductor FDMC0310AS Datasheet HTML 4Page - ON Semiconductor FDMC0310AS Datasheet HTML 5Page - ON Semiconductor FDMC0310AS Datasheet HTML 6Page - ON Semiconductor FDMC0310AS Datasheet HTML 7Page - ON Semiconductor FDMC0310AS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
To learn more about onsemi™, please visit our website at
www.onsemi.com
ON Semiconductor
Is Now
onsemi and       and other names, marks, and brands are registered and/or common law trademarks of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or
subsidiaries in the United States and/or other countries. onsemi owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of onsemi
product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. onsemi reserves the right to make changes at any time to any products or information herein, without
notice. The information herein is provided “as-is” and onsemi makes no warranty, representation or guarantee regarding the accuracy of the information, product features, availability, functionality,
or suitability of its products for any particular purpose, nor does onsemi assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using onsemi products, including compliance with all laws,
regulations and safety requirements or standards, regardless of any support or applications information provided by onsemi. “Typical” parameters which may be provided in onsemi data sheets and/
or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application
by customer’s technical experts. onsemi does not convey any license under any of its intellectual property rights nor the rights of others. onsemi products are not designed, intended, or authorized
for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for
implantation in the human body. Should Buyer purchase or use onsemi products for any such unintended or unauthorized application, Buyer shall indemnify and hold onsemi and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that onsemi was negligent regarding the design or manufacture of the part. onsemi is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. Other names and brands may be claimed as the property of others.


Similar Part No. - FDMC0310AS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMC035N10X1 ONSEMI-FDMC035N10X1 Datasheet
386Kb / 8P
N-Channel PowerTrench MOSFET
May, 2017, Rev. 1.0
More results

Similar Description - FDMC0310AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8880 FAIRCHILD-FDMS8880 Datasheet
284Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 21 A, 8.5 m廓
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS8558SDC FAIRCHILD-FDMS8558SDC Datasheet
278Kb / 9P
N-Channel PowerTrench짰 SyncFETTM 25 V, 90 A, 1.5 m廓
FDMS8820 FAIRCHILD-FDMS8820 Datasheet
273Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 116 A, 2.0 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
logo
ON Semiconductor
FDB9409-F085 ONSEMI-FDB9409-F085 Datasheet
623Kb / 7P
N-Channel PowerTrench짰 MOSFET40 V, 80 A, 3.5 m廓
August-2017, Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com