Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 65Page - Maxim Integrated Products DS31256 Datasheet HTML 66Page - Maxim Integrated Products DS31256 Datasheet HTML 67Page - Maxim Integrated Products DS31256 Datasheet HTML 68Page - Maxim Integrated Products DS31256 Datasheet HTML 69Page - Maxim Integrated Products DS31256 Datasheet HTML 70Page - Maxim Integrated Products DS31256 Datasheet HTML 71Page - Maxim Integrated Products DS31256 Datasheet HTML 72Page - Maxim Integrated Products DS31256 Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
69 of 183
7.2 HDLC Register Description
Register Name:
RHCDIS
Register Description:
Receive HDLC Channel Definition Indirect Select
Register Address:
0400h
Bit #
7
6
5
4
3
2
1
0
Name
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 7/HDLC Channel ID (HCID0 to HCID7)
00000000 (00h) = HDLC channel number 1 (also used for the fast HDLC engine on port 0)
00000001 (01h) = HDLC channel number 2 (also used for the fast HDLC engine on port 1)
00000010 (02h) = HDLC channel number 3 (also used for the fast HDLC engine on port 2)
00000011 (03h) = HDLC channel number 4
11111111 (FFh) = HDLC channel number 256
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to read data from the internal receive HDLC
definition RAM, the host should write this bit to 1. This causes the device to begin obtaining the data from the
channel location indicated by the HCID bits. During the read access, the IAB bit is set to 1. Once the data is ready
to be read from the RHCD register, the IAB bit is set to 0. When the host wishes to write data to the internal
receive HDLC definition RAM, the host should write this bit to 0. This causes the device to take the data that is
currently present in the RHCD register and write it to the channel location indicated by the HCID bits. When the
device completes the write, the IAB is set to 0.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit sets to 1 until the data is ready to be read. It is set to 0 when the data is ready
to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the write
operation completes.
Register Name:
RHCD
Register Description:
Receive HDLC Channel Definition
Register Address:
0404h
Bit #
7
6
5
4
3
2
1
0
Name
RABTD
RCS
RBF
RID
RCRC1
RCRC0
ROLD
RTRANS
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
RZDD
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Receive Transparent Enable (RTRANS). When this bit is set low, the HDLC controller performs flag
delineation, zero destuffing, abort detection, octet length checking (if enabled through ROLD), and FCS checking
(if enabled through RCRC0/1). When this bit is set high, the HDLC controller does not perform flag delineation,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com