Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 96 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 96 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 92Page - Maxim Integrated Products DS31256 Datasheet HTML 93Page - Maxim Integrated Products DS31256 Datasheet HTML 94Page - Maxim Integrated Products DS31256 Datasheet HTML 95Page - Maxim Integrated Products DS31256 Datasheet HTML 96Page - Maxim Integrated Products DS31256 Datasheet HTML 97Page - Maxim Integrated Products DS31256 Datasheet HTML 98Page - Maxim Integrated Products DS31256 Datasheet HTML 99Page - Maxim Integrated Products DS31256 Datasheet HTML 100Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
96 of 183
Register Name:
RDMAQ
Register Description:
Receive DMA Queues Control
Register Address:
0780h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
RDQF
RDQFE
RFQSF
RFQLF
n/a
RFQFE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
RDQT2
RDQT1
RDQT0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Receive Free-Queue FIFO Enable (RFQFE). To enable the DMA to burst read descriptors from the free
queue, this bit must be set to 1. If this bit is set to 0, descriptors are read one at a time.
0 = free-queue burst read disabled
1 = free-queue burst read enabled
Bit 2/Receive Free-Queue Large Buffer FIFO Flush (RFQLF). When this bit is set to 1, the internal large
buffer free-queue FIFO is flushed (currently loaded free-queue descriptors are lost). This bit must be set to 0 for
proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bit 3/Receive Free-Queue Small Buffer FIFO Flush (RFQSF). When this bit is set to 1, the internal small
buffer free-queue FIFO is flushed (currently loaded free-queue descriptors are lost). This bit must be set to 0 for
proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bit 4/Receive Done-Queue FIFO Enable (RDQFE). See Section 9.2.4 for details.
Bit 5/Receive Done-Queue FIFO Flush (RDQF). See Section 9.2.4 for details.
Bits 8 to 10/Receive Done-Queue Status Bit Threshold Setting (RDQT0 to RDQT2). See Section 9.2.4 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com