| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 89 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 89 Page - Maxim Integrated Products |
|
89 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 89 of 183 Figure 9-2. Receive DMA Memory Organization Free Data Buffer Space Receive Free-Queue Descriptors: Contains 32-Bit Addresses for Free Data Buffers and their Associated Free Packet Descriptors Free-Queue Base Address (32) Free-Queue End Address (16) Free-Queue Small Buffer Start Address (16) Free-Queue Large Buffer Host Write Pointer (16) Free-Queue Large Buffer DMA Read Pointer (16) Free-Queue Small Buffer DMA Read Pointer (16) Free-Queue Small Buffer Host Write Pointer (16) Up to 64k Dual dwords Free-Queue Descriptors Allowed Receive Done-Queue Descriptors: Contains Index Pointers to Used Packet Descriptors Done-Queue Base Address (32) Done-Queue End Address (16) Done-Queue DMA Write Pointer (16) Done-Queue Host Read Pointer (16) Upto64kdwordsDone-Queue Descriptors Allowed Receive Packet Descriptors: Contains 32-Bit Addresses to Free Buffer as well as Status/Control Information and Links to Other Packet Descriptors Descriptor Base Address (32) Up to 64k Quad dwords Descriptors Allowed Used Data Buffer Space Main Off-Board Memory (32-Bit Address Space) Internal Registers |