Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 128 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 128 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 124Page - Maxim Integrated Products DS31256 Datasheet HTML 125Page - Maxim Integrated Products DS31256 Datasheet HTML 126Page - Maxim Integrated Products DS31256 Datasheet HTML 127Page - Maxim Integrated Products DS31256 Datasheet HTML 128Page - Maxim Integrated Products DS31256 Datasheet HTML 129Page - Maxim Integrated Products DS31256 Datasheet HTML 130Page - Maxim Integrated Products DS31256 Datasheet HTML 131Page - Maxim Integrated Products DS31256 Datasheet HTML 132Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
128 of 183
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 5; Bits 16 to 31/Next Priority Pending Descriptor Pointer. This 16-bit value is the offset from the
transmit descriptor base address of the first transmit priority packet descriptor for the packet priority that is queued
up next for transmission.
Register Name:
TDMACIS
Register Description:
Transmit DMA Configuration Indirect Select
Register Address:
0870h
Bit #
7
6
5
4
3
2
1
0
Name
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
TDCW3
TDCW2
TDCW1
TDCW0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 7/HDLC Channel ID (HCID0 to HCID7)
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
Bits 8 to 11/Transmit DMA Configuration RAM Word Select Bits 0 to 3 (TDCW0 to TDCW3)
0000 = lower word of dword 0
0001 = upper word of dword 0
0010 = lower word of dword 1 (only word that the host can write to)
0011 = upper word of dword 1
0100 = lower word of dword 2
0101 = upper word of dword 2
0110 = lower word of dword 3
0111 = upper word of dword 3
1000 = lower word of dword 4
1001 = upper word of dword 4
1010 = lower word of dword 5
1011 = upper word of dword 5
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to read data from the internal transmit DMA
configuration RAM, the host should write this bit to 1. This causes the device to begin obtaining the data from the
channel location indicated by the HCID bits. During the read access, the IAB bit is set to 1. Once the data is ready
to be read from the TDMAC register, the IAB bit is set to 0. When the host wishes to write data to the internal
transmit DMA configuration RAM, this bit should be written to 0 by the host. This causes the device to take the
data that is currently present in the TDMAC register and write it to the channel location indicated by the HCID
bits. When the device has completed the write, the IAB bit is set to 0.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until the data is ready to be read. It is set to 0 when the data is
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com