Electronic Components Datasheet Search
  English  ▼

X  

MAX4397DACTM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4397DACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DACTM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4397DACTM Datasheet HTML 7Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 8Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 9Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 10Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 11Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 12Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 13Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 14Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
11
The slow-switching feature allows for bidirectional, tri-
level, slow-switching input and output signals at pin
VCR_SS and TV_SS, respectively. The slow-switching
signals from the VCR set the aspect ratio or video source
of the TV screen. See the Slow Switching section.
Fast switching consists of two inputs from the encoder
and VCR, and one output to the TV to insert an on-
screen display (OSD). Fast switching is used to route
video signals from the VCR or from the encoder to the
TV. In addition, the fast-switching output can be config-
ured to a high or low voltage. Fast switching is con-
trolled through the I2C interface.
The digital block contains the 2-wire interface circuitry,
control, and status registers. The MAX4397DA/SA can
be configured through an I2C-compatible interface.
DEV_ADDR sets the I2C-compatible address.
SCART Video Switching
The MAX4397DA/SA switch video signals between an
MPEG decoder, TV SCART, and VCR SCART. The video
switch includes reconstruction filters, multiplexed video
amplifiers, and a Y/C mixer driver for an RF modulator.
See Figure 1 for the functional diagram of the video sec-
tion. While the SCART connector supports RGB, S-video,
and Composite video formats, RGB, and S-video typically
share a bidirectional set of SCART connector pins.
CLAMP/BIAS
TV_R/C_IN
CLAMP
TV_Y/CVBS_IN
CLAMP
VCR_B_IN
CLAMP
VCR_G_IN
CLAMP/BIAS
VCR_R/C_IN
VCRIN_FS
CLAMP
VCR_Y/CVBS_IN
CLAMP
ENC_Y/CVBS_IN
CLAMP/BIAS
ENC_R/C_IN
CLAMP
ENC_G_IN
CLAMP
ENC_B_IN
CLAMP
ENC_Y_IN
ENCIN_FS
BIAS
ENC_C_IN
0.7V
0.7V
2kΩ
2kΩ
V12
VCR_Y/CVBS_OUT
VCR_R/C_OUT
TV_R/C_OUT
TV_G_OUT
TV_B_OUT
TV_Y/CVBS_OUT
TVOUT_FS
RF_CVBS_OUT
TV_SS
VCR_SS
BIAS
5V
0V
PULLDOWN
TVRCOUT
VGA
5dB, 6dB, OR 7dB
PULLDOWN
VCRRCOUT
x2
x2
x2
x1
x2
VGA
5dB, 6dB, OR 7dB
VGA
5dB, 6dB, OR 7dB
N
N
MAX4397DA/SA
FILTER
FILTER
MIXER
SLOW SWITCHING
FILTER
FILTER
FILTER
FILTER
Figure 1. MAX4397DA/SA Video Section Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com