Electronic Components Datasheet Search
  English  ▼

X  

MAX4397DACTM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4397DACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DACTM Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4397DACTM Datasheet HTML 1Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 2Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 3Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 4Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 5Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 6Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 7Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 8Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, and VVID to GNDVID, SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Encoder Common-Mode
Rejection Ratio
CMRR
MAX4397DA only, over VCM range
40
dB
Single-ended inputs, f = 1kHz, THD < 1%
3
ENC inputs differential level, MAX4397DA,
f = 1kHz, THD < 1%
2.08
Input Signal Amplitude
VIN_AC
ENC inputs single-ended, MAX4397SA,
f = 1kHz, THD < 1%
1.31
VRMS
Single ended: VCR_INR, VCR_INL, TV_INR,
TV_INL
0.1
Encoder, MAX4397DA: ENC_INL+,
ENC_INL-, ENC_INR+, ENC_INR-
1
Input Resistance (Measured at
Parts Input)
RIN
Encoder, MAX4397SA: ENC_INL, ENC_INR
0.1
MΩ
Output DC Level
VOUT_DC
VIN = 0V
0.5 x
V12
V
Signal-to-Noise Ratio
SNR_A
f = 1.0kHz, 1VRMS application input,
gain = 0dB, 20Hz to 20kHz
95
dB
RLOAD = 10kΩ, f = 1.0kHz, 0.5VRMS output
0.004
Total Harmonic Distortion Plus
Noise
THD+N
RLOAD = 10kΩ, f = 1.0kHz, 2VRMS output
0.004
%
Output Impedance
ZO
f = 1kHz
1
Ω
1.414VP-P input, programmable gain to TV
SCART volume control range extends from
-56dB to +6dB
1.5
2
2.5
Volume Attenuation Step
ASTEP
1.414VP-P input, programmable gain to VCR
audio extends from -6dB to +6dB
5.5
6
6.5
dB
From V12, f = 1kHz, 0.5VP-P,
(CAUD_BIAS = 47µF), gain = 0dB
75
Power-Supply Rejection Ratio
PSRR_A
From VAUD, f = 1kHz, 0.5VP-P, VAUD ≥
+4.75V, VAUD ≤ +5.25V, gain = 0dB
75
dB
Mute Suppression
M_SPR_A
f = 1kHz, 0.5VRMS input, set through I
2C, see
register 1 for loading register details
90
dB
Audio Clipping Level
VCLIP
f = 1kHz, 2.5VRMS input, gain = 6dB,
THD < 1%
3.6
VRMS
Left-to-Right Crosstalk
XTLK_LR
f = 1kHz, 0.5VRMS input, gain = 0dB
80
dB
Crosstalk
XTLK_CC
TV SCART to VCR SCART or VCR SCART to
TV SCART, f = 1kHz, 0.5VRMS input,
gain = 0dB
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com